Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 130Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 131Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
134
Freescale Semiconductor
4.7
Signal Contact Assignments—12x12 mm,
0.5 mm Pitch
Table 103 lists the 12
×12 mm package i.MX25 signal contact assignments.
USBPHY1_VSSA_BIAS
K18
USBPHY2_VDD
T16
USBPHY2_VSS
W16
USBPHY2_DP
W17
USBPHY1RREF
L19
USBPHY1_DM
J21
USBPHY1_DP
K21
USBPHY1_UID
J22
USBPHY1_VBUS
K22
USBPHY2_DM
W18
Table 103. 12x12 mm Package i.MX25 Signal Contact Assignment
Ball Name
Ball Position
Ball Name
Ball Position
Ball Name
Ball Position
A0
A20
A23
E9
CSI_D9
H19
A1
A19
A24
B7
CSI_HSYNC
G22
A2
B18
A25
D8
CSI_MCLK
F22
A3
D17
BCLK
A8
CSI_PIXCLK
J19
A4
A21
BOOT_MODE0
AA22
CSI_VSYNC
G21
A5
B19
BOOT_MODE1
W21
CSPI_MIS0
V4
A6
D18
CAS
B16
CSPI1_MOS0
V4
A7
B20
CLK0
Y22
CSPI1_MOS1
AA1
A8
E19
CL_SEL
AA20
CSPI1_SCLK
Y1
A9
D19
CONTRAST
Y2
CSPI1_SS0
V2
A10
B5
CS0
C2
CSPI1_SS1
U4
A11
C21
CS1
D4
CSPI1_RDY
U5
A12
B22
CS2
b17
D0
F2
A13
D21
CS3
A18
D1
F1
A14
A4
CS4
E5
D2
G1
A15
D6
CS5
D2
D3
H1
A16
A5
CSI_D2
C22
D4
H2
A17
E6
CSI_D3
F19
D5
J1
Table 102. 12x12 mm Package Ground, Power Sense, and Reference Contact Assignments (continued)
Contact Name
Contact Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com