Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX258CJM4A Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # PCIMX258CJM4A
Description  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 140Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 141Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 142Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 143Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 144Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 140 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
140
Freescale Semiconductor
5
Revision History
Table 106 summarizes revisions to this document.
Table 106. Revision History
Rev.
Date
Revision
3
04/2010 • Updated Table 1, “Ordering Information,” to include new part numbers.
• Added Table 2, “i.MX25 Parts Functional Differences.”
• Added Section 3.3, “Power Characteristics.”
• Added Section 4.5, “347 MAPBGA—Case 12x12 mm, 0.5 mm Pitch.”
• Added Section 4.6, “Ground, Power, Sense, and Reference Contact Assignments Case 12x12 mm,
0.5 mm Pitch.”
• Added Section 4.7, “Signal Contact Assignments—12x12 mm, 0.5 mm Pitch.”
• Added Section 4.8, “i.MX25 12x12 Package Ball Map.”
2
12/2009 • Updated Table 1, “Ordering Information,” to include new part numbers.
1
10/2009 • Updated Table 1, “Ordering Information,” to include new part numbers.
• Updated DRYICE description in Table 3, “i.MX25 Digital and Analog Modules.”
• Updated REF signal description in Table 4, “Signal Considerations.”
• Updated ESD damage immunity values in Table 5, “DC Absolute Maximum Ratings.”
• Updated values in Table 11, “i.MX25 Power Mode Current Consumption.”
• Added a note on timing in Section 3.2.1, “Power-Up Sequence.”
• Added Table 12, “iMX25 Reduced Power Mode Current Consumption.”
• Updated Table 53, “NFC Timing Parameters.”
• Updated values in Table 54, “WEIM Bus Timing Parameters.
• Updated Table 83, “Touchscreen ADC Electrical Specifications.”
0
6/2009 Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com