Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 338 page
background image
Chapter 1 Device Overview
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
21
Table 1-2 provides the functional version of the on-chip modules
Table 1-2. Module Versions
Module
Version
Analog Comparator (5V)
(ACMP)
2
Analog-to-Digital Converter
(ADC)
1
Central Processor Unit
(CPU)
2
Inter-Integrated Circuit
(IIC)
2
Internal Clock Source
(ICS)
2
Serial Peripheral Interface
(SPI)
3
Serial Communications Interface
(SCI)
4
Modulo Timer
(MTIM)
1
Real-Time Counter
(RTC)
1
Timer Pulse Width Modulator
(TPM)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com