Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 338 page
background image
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
37
Chapter 4
Memory
4.1
MC9S08SH8 Memory Map
As shown in Figure 4-1, on-chip memory in the MC9S08SH8 series of MCUs consists of RAM, FLASH
program memory for nonvolatile data storage, and I/O and control/status registers. The registers are
divided into three groups:
•
Direct-page registers (0x0000 through 0x007F)
•
High-page registers (0x1800 through 0x185F)
•
Nonvolatile registers (0xFFB0 through 0xFFBF)
Figure 4-1. MC9S08SH8 Memory Map
DIRECT PAGE REGISTERS
RAM
HIGH PAGE REGISTERS
512 BYTES
0x0000
0x007F
0x0080
0x027F
0x1800
0x17FF
0x185F
0xFFFF
0x0280
MC9S08SH8
FLASH
8192 BYTES
0x1860
MC9S08SH4
UNIMPLEMENTED
51,104 BYTES
0xE000
0xDFFF
DIRECT PAGE REGISTERS
RAM
HIGH PAGE REGISTERS
256 BYTES
0x0000
0x007F
0x0080
0x1800
0x17FF
0x185F
0xFFFF
FLASH
4096 BYTES
0x1860
0x017F
0x0180
0xF000
0xEFFF
UNIMPLEMENTED
5504 BYTES
0x027F
0x0280
UNIMPLEMENTED
5504 BYTES
RESERVED
256 BYTES
UNIMPLEMENTED
51,104 BYTES
0xE000
0xDFFF
RESERVED
4096 BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com