| Electronic Components Datasheet Search |
|
MC9S08SH4MPJR Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 338 page ![]() Chapter 5 Resets, Interrupts, and General System Control MC9S08SH8 MCU Series Data Sheet, Rev. 3 62 Freescale Semiconductor other than the most experienced programmers because it can lead to subtle program errors that are difficult to debug. The interrupt service routine ends with a return-from-interrupt (RTI) instruction which restores the CCR, A, X, and PC registers to their pre-interrupt values by reading the previously saved information from the stack. NOTE For compatibility with M68HC08 devices, the H register is not automatically saved and restored. It is good programming practice to push H onto the stack at the start of the interrupt service routine (ISR) and restore it immediately before the RTI that is used to return from the ISR. If more than one interrupt is pending when the I bit is cleared, the highest priority source is serviced first (see Table 5-2). 5.5.1 Interrupt Stack Frame Figure 5-1 shows the contents and organization of a stack frame. Before the interrupt, the stack pointer (SP) points at the next available byte location on the stack. The current values of CPU registers are stored on the stack starting with the low-order byte of the program counter (PCL) and ending with the CCR. After stacking, the SP points at the next available location on the stack which is the address that is one less than the address where the CCR was saved. The PC value that is stacked is the address of the instruction in the main program that would have executed next if the interrupt had not occurred. Figure 5-1. Interrupt Stack Frame When an RTI instruction is executed, these values are recovered from the stack in reverse order. As part of the RTI sequence, the CPU fills the instruction pipeline by reading three bytes of program information, starting from the PC address recovered from the stack. CONDITION CODE REGISTER ACCUMULATOR INDEX REGISTER (LOW BYTE X) PROGRAM COUNTER HIGH * High byte (H) of index register is not automatically stacked. * PROGRAM COUNTER LOW 70 UNSTACKING ORDER STACKING ORDER 5 4 3 2 1 1 2 3 4 5 TOWARD LOWER ADDRESSES TOWARD HIGHER ADDRESSES SP BEFORE SP AFTER INTERRUPT STACKING THE INTERRUPT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |