Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M223X0003 Datasheet(PDF) 2 Page - CUI INC

Part # M223X0003
Description  M22 3 with AMT1 03 kit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

M223X0003 Datasheet(HTML) 2 Page - CUI INC

  M223X0003 Datasheet HTML 1Page - CUI INC M223X0003 Datasheet HTML 2Page - CUI INC M223X0003 Datasheet HTML 3Page - CUI INC M223X0003 Datasheet HTML 4Page - CUI INC M223X0003 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
date
page
09/2009
2 of 5
SERIES:
DESCRIPTION: M223 with AMT103 kit
M223X000X
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
M223X DC MOTOR SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
gear reduction
M223X0002
M223X0003
M223X0004
none
1:84
1:231
voltage
12
V dc
winding resistance
6.34
7.2
8.06
output power
4.65
W
efficiency
66
%
no load speed
7,400
8,400
9,400
rpm
no load current
shaft ø2 mm
0.03
0.06
0.09
A
stall torque
21.92
mNm
friction torque
0.79
mNm
speed constant
726
rpm/V
back-EMF constant
1.38
mV/rpm
torque constant
13.15
mNm/A
current constant
0.076
A/mNm
rotor inductance
3,400
μH
mechanical time constant
19
ms
rotor inertia
4.5
gcm2
angular acceleration
49
103 rad/s2
thermal resistance
17/22
k/W
thermal time constant
450
s
operating temp.
-10
50
°C
shaft bearing
sintered bronze sleeves
shaft load
shaft ø2 mm:
radial at 3,000 rpm (3 mm from bearing)
axial at 3,000 rpm
axial at standstill (shaft supported)
2
1
294
N
N
N
shaft play
radial ≤
axial ≤
0.5
0.025
0.45
mm
mm
direction of rotation
clockwise, viewed from the front face
speed up to
10,000
rpm
torque up to
5,307
mNm
current up to
thermal limits
0.502
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com