Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M223X0003 Datasheet(PDF) 1 Page - CUI INC

Part # M223X0003
Description  M22 3 with AMT1 03 kit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

M223X0003 Datasheet(HTML) 1 Page - CUI INC

  M223X0003 Datasheet HTML 1Page - CUI INC M223X0003 Datasheet HTML 2Page - CUI INC M223X0003 Datasheet HTML 3Page - CUI INC M223X0003 Datasheet HTML 4Page - CUI INC M223X0003 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date
page
09/2009
1 of 5
SERIES:
DESCRIPTION: M223 with AMT103 kit
M223X000X
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT SPECIFICATIONS
output phase difference
90° ±45°
frequency response
0 ~ 250 kHz
output current
0 ~ 5 mA max.
output waveform
square wave
output signals
A, B, Z phase
current consumption
6 mA typ., 10 mA max.
supply voltage
3.6 ~ 5.5 V dc
output resolution (ppr)1
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500, 512, 800, 1000, 1024, 2048
time constant
0.2 ms (at 48, 96, 100, 125, 200, 250, 256, 512 ppr)
0.4 ms (at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr)
accuracy
±15 arcmin (at 192, 384, 400, 500, 800, 1000, 1024, 2048 ppr)
±30 arcmin (at 96, 200, 250, 512 ppr)
±60 arcmin (at 48, 100, 125, 256 ppr)
max. rotational speed
7500 rpm (at 384, 800, 1000, 2048 ppr)
15000 rpm (at 192, 400, 500, 1024 ppr)
30000 rpm (at 48, 96, 100, 125, 200, 250, 256, 512 ppr)
operating temp.
-40° ~ 100°C
mounting hole options
A) 2 each M1.6 holes on 16 mm (0.63”) bolt circle
B) 2 each #4 holes on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 holes on 20 mm (0.787”) bolt circle
D) 3 each M1.6 or M2 holes on 20.9 mm (0.823”) bolt circle
E) 3 each M1.6 or M2 holes on 22 mm (0.866”) bolt circle
F) 4 each M1.6 or M2 holes on 25.4 mm (1”) bolt circle
note:
1. All resolutions stated are before quadrature decoding (example: 1000 ppr x 4 = 4000 counts)
2. Some stepper motors may leak a magnetic field causing the AMT index pulse to not function properly.
0 = On, 1 = Off
Resolution (PPR)
Maximum RPM
4
3
2
1
2048
7500
1
1
1
1
1000
7500
1
1
1
0
800
7500
1
1
0
1
384
7500
1
1
0
0
1024
15000
1
0
1
1
500
15000
1
0
1
0
400
15000
1
0
0
1
192
15000
1
0
0
0
512
30000
0
1
1
1
250
30000
0
1
1
0
200
30000
0
1
0
1
96
30000
0
1
0
0
256
30000
0
0
1
1
125
30000
0
0
1
0
100
30000
0
0
0
1
48
30000
0
0
0
0
ON
4
3
2
1
0
(on)
(off)
1
Example setting: 500
DIP switch:
DIP SWITCH SETTINGS
(located on back of encoder)


Similar Part No. - M223X0003

ManufacturerPart #DatasheetDescription
logo
CUI INC
M223X0003 CUI-M223X0003 Datasheet
252Kb / 5P
M223 WITH AMT103 KIT
More results

Similar Description - M223X0003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FL850-03-80 ETC2-FL850-03-80 Datasheet
51Kb / 1P
FL850-03-80
logo
CUI INC
M313X0001 CUI-M313X0001 Datasheet
261Kb / 5P
M31 3 with AMT1 03 kit
M487X0003 CUI-M487X0003 Datasheet
256Kb / 5P
M48 7 with AMT1 03 kit
logo
Molex Electronics Ltd.
03-06-1041 MOLEX1-03-06-1041 Datasheet
46Kb / 2P
03-06-1041
logo
MicroPower Direct, LLC
MPM-03S MPD-MPM-03S_14 Datasheet
326Kb / 2P
MPM-03 Series
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
KIT 60145-3 ODF KIT
logo
Harwin Plc
M22-2022005 HARWIN-M22-2022005 Datasheet
2Mb / 1P
M22 Connectors
logo
List of Unclassifed Man...
3257 ETC2-3257 Datasheet
110Kb / 2P
Kano Computer Kit with Raspberry Pi 3
logo
Schneider Electric
KZ30 SCHNEIDER-KZ30 Datasheet
154Kb / 2P
M22 fixing nut - set of 5
Feb 10, 2022
logo
TRACO Electronic AG
TMPS03 TRACOPOWER-TMPS03 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com