Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M223X0003 Datasheet(PDF) 3 Page - CUI INC

Part # M223X0003
Description  M22 3 with AMT1 03 kit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

M223X0003 Datasheet(HTML) 3 Page - CUI INC

  M223X0003 Datasheet HTML 1Page - CUI INC M223X0003 Datasheet HTML 2Page - CUI INC M223X0003 Datasheet HTML 3Page - CUI INC M223X0003 Datasheet HTML 4Page - CUI INC M223X0003 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
34.21 1.347
120°
12.0 0.472
SPECIFIED
NOTE 1: 4mm opening for 24AWG power leads to be covered with heat
Website: www.cui.com
A
SPECIFICATIONS:
±0.3mm UNLESS OTHERWISE
TOLERANCE:
shrink, power leads to be tied into 50mm diameter bundle.
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
1:1
M223 WITH AMT103 KIT
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
M223X0002
M223X0002
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
REV:
REV.
DESCRIPTION
DATE
A
NEW DRAWING
8/3/2009
see NOTE 1
22.0 0.866
23.75 0.935
AMT ADAPTER
DC MOTOR
AMT 103
ENCODER
1.126
28.60
R15.5 0.610
0.079
2.262
57.45
0.433
11.0
1.496
38.0
0.276
0.213
5.4
7.0
2.0
1.0 0.039
M2 X 2 DEEP
(4 PLCS)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com