Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9632DP2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9632DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
2 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
The Software Reset (SWRST) Call allows the master to perform a reset of the PCA9632
through the I2C-bus, identical to the Power-On Reset (POR) that initializes the registers to
their default state causing the outputs to be set high-impedance. This allows an easy and
quick way to reconfigure all device registers to the same condition.
2.
Features
I 40× power reduction compared to PCA9633
I 4 LED drivers. Each output programmable at:
N Off
N On
N Programmable LED brightness
N Programmable group dimming/blinking mixed with individual LED brightness
I 1 MHz Fast-mode Plus I2C-bus interface with 30 mA high drive capability on SDA
output for driving high capacitive buses
I 256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness using a 1.5625 kHz PWM signal in Individual
brightness mode
I 64-step (6-bit) linear programmable brightness for each LED output varying from fully
off (default) to maximum brightness using a 6.25 kHz PWM signal in group dimming
mode
I In group dimming mode, 16-step group brightness control allows global dimming
(using a 190 Hz PWM signal) from fully off to maximum brightness (default)
I 256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness using a 1.5625 kHz PWM signal in group blinking
mode
I 64-step group blinking with frequency programmable from 24 Hz to 6 Hz and
duty cycle from 0 % to 98.4 %
I 256-step group blinking with frequency programmable from 6 Hz to 0.09 Hz (10.73 s)
and duty cycle from 0 % to 99.6 %
I Four totem pole outputs (sink 25 mA and source 10 mA at 5 V) with software
programmable open-drain LED outputs selection (default at high-impedance). No input
function.
I 10-pin package option provides two hardware address pins allowing four devices to
operate on the same bus
I Output state change programmable on the Acknowledge or the STOP Command to
update outputs byte-by-byte or all at the same time (default to ‘Change on STOP’).
I Software Reset feature (SWRST Call) allows the device to be reset through the
I2C-bus
I 400 kHz internal oscillator requires no external components
I Internal power-on reset
I Noise filter on SDA/SCL inputs
I Edge rate control on outputs
I No glitch on power-up
I Supports hot insertion
I Low standby current of < 1 µA
I Operating power supply voltage range of 2.3 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com