Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9632DP2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9632DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
3 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
I 5.5 V tolerant inputs
I −40 °C to +85 °C operation
I ESD protection exceeds 5000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: TSSOP8, TSSOP10, HVSON8, HVSON10
3.
Applications
I RGB or RGBA LED drivers for color mixing
I LED status information
I LED displays
I LCD backlights
I Keypad backlights for cellular phones or handheld devices
4.
Ordering information
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9632DP1
9632
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9632DP2
9632
TSSOP10
plastic thin shrink small outline package; 10 leads;
body width 3 mm
SOT552-1
PCA9632TK
9632
HVSON8
plastic thermal enhanced very thin small outline package;
no leads; 8 terminals; body 3
× 3 × 0.85 mm
SOT908-1
PCA9632TK2
9632
HVSON10
plastic thermal enhanced very thin small outline package;
no leads; 10 terminals; body 3
× 3 × 0.85 mm
SOT650-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com