Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9632DP2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9632DP2
Description  4-bit Fm I2C-bus low power LED driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9632DP2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9632DP2 Datasheet HTML 9Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 10Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 11Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 12Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 13Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 14Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 15Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 16Page - NXP Semiconductors PCA9632DP2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PCA9632_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 15 July 2008
13 of 38
NXP Semiconductors
PCA9632
4-bit Fm+ I2C-bus low power LED driver
7.3.4 Group duty cycle control, GRPPWM
When DMBLNK bit (MODE2 register) is programmed with 0, a 190 Hz fixed frequency
signal is superimposed with the 6.25 kHz Individual brightness control signal. GRPPWM
is then used as a global brightness control allowing the LED outputs to be dimmed with
the same value. The value in GRPFREQ is then a ‘don’t care’.
In the group dimming mode (DMBLNK = 0) global brightness for the 4 outputs is
controlled through 16 linear steps from 00h (0 % duty cycle = LED output off) to F0h
(93.75 % duty cycle = maximum brightness). In this mode only the 4 MSBs of the
GRPPWM[7:4] are used. Bits GRPPWM[3:0] are unused.
(4)
E.g., if GDC[7:4] = 1111, then duty cycle = 1111 0000 / 256 = 240 / 256 = 93.75 %.
When DMBLNK bit is programmed with 1, GRPPWM and GRPFREQ registers define a
global blinking pattern, where GRPFREQ contains the blinking period (from 24 Hz to
10.73 s) and GRPPWM the duty cycle (ON/OFF ratio in %).
In this mode, when GRPFREQ is programmed to provide a blinking with frequency
programmable from 24 Hz to 6 Hz, GRPPWM[7:2] is used to provide 64-step duty cycle
resolution from 0 % to 98.4 %. GRPPWM[1:0] bits are unused.
(5)
E.g., if GDC[7:2] = 111111, then duty cycle = 1111 1100 / 256 = 252 / 256 = 98.4 %.
When GRPFREQ is programmed to provide a blinking with frequency programmable from
6 Hz to 0.09 Hz (10.73 s), GRPPWM[7:0] is used to provide a 256-step duty cycle
resolution from 0 % to 99.6 %. In this case, all the 8 bits of the GRPPWM register are
used.
(6)
E.g., If GDC[7:0] = 1111 1111, then duty cycle = 255 / 256 = 99.6 %.
Applicable to LED outputs programmed with LDRx = 11 (LEDOUT register).
Table 9.
GRPPWM - Group duty cycle control register (address 06h) bit description
Legend: * default value.
Address
Register
Bit
Symbol
Access
Value
Description
06h
GRPPWM
7:0
GDC[7:0]
R/W
1111 1111
GRPPWM register
duty cycle
GDC 7:4
[],0000
256
-----------------------------------------
=
duty cycle
GDC 7:2
[],00
256
-----------------------------------
=
duty cycle
GDC 7:0
[]
256
---------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com