Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 13Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 14Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 15Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 16Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 17Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 18Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 19Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 20Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
PCA9633_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 July 2008
17 of 43
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
7.6 Software Reset
The Software Reset Call (SWRST Call) allows all the devices in the I2C-bus to be reset to
the power-up state value through a specific formatted I2C-bus command. To be performed
correctly, it implies that the I2C-bus is functional and that there is no device hanging the
bus.
The SWRST Call function is defined as the following:
1. A START command is sent by the I2C-bus master.
2. The reserved SWRST I2C-bus address ‘0000 011’ with the R/W bit set to 0 (write) is
sent by the I2C-bus master.
3. The PCA9633 device(s) acknowledge(s) after seeing the SWRST Call address
‘0000 0110’ (06h) only. If the R/W bit is set to 1 (read), no acknowledge is returned to
the I2C-bus master.
4. Once the SWRST Call address has been sent and acknowledged, the master sends
2 bytes with 2 specific values (SWRST data byte 1 and byte 2):
a. Byte 1 = A5h: the PCA9633 acknowledges this value only. If byte 1 is not equal to
A5h, the PCA9633 does not acknowledge it.
b. Byte 2 = 5Ah: the PCA9633 acknowledges this value only. If byte 2 is not equal to
5Ah, then the PCA9633 does not acknowledge it.
If more than 2 bytes of data are sent, the PCA9633 does not acknowledge any more.
5. Once the right 2 bytes (SWRST data byte 1 and byte 2 only) have been sent and
correctly acknowledged, the master sends a STOP command to end the SWRST Call:
the PCA9633 then resets to the default value (power-up value) and is ready to be
addressed again within the specified bus free time (tBUF).
The I2C-bus master must interpret a non-acknowledge from the PCA9633 (at any time) as
a ‘SWRST Call Abort’. The PCA9633 does not initiate a reset of its registers. This
happens only when the format of the SWRST Call sequence is not correct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com