Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 25Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 26Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 27Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 28Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 29Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 30Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 31Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 32Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
PCA9633_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 July 2008
29 of 43
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
[1]
VDD must be lowered to 0.2 V in order to reset part.
[2]
Each bit must be limited to a maximum of 25 mA and the total package limited to 100 mA due to internal busing limits.
13. Dynamic characteristics
[1]
Minimum SCL clock frequency is limited by the bus time-out feature, which resets the serial bus interface if either SDA or SCL is held
LOW for a minimum of 25 ms. Disable bus time-out feature for DC operation.
[2]
tVD;ACK = time for Acknowledgement signal from SCL LOW to SDA (out) LOW.
[3]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[4]
Cb = total capacitance of one bus line in pF.
Address inputs
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
ILI
input leakage current
−1-
+1
µA
Ci
input capacitance
-
3.7
5
pF
Table 20.
Static characteristics …continued
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 21.
Dynamic characteristics
Symbol Parameter
Conditions
Standard- mode
I2C-bus
Fast-mode
I2C-bus
Fast-mode
Plus I2C-bus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
[1]
0
100
0
400
0
1000
kHz
tBUF
bus free time between a
STOP and START condition
4.7
-
1.3
-
0.5
-
µs
tHD;STA
hold time (repeated) START
condition
4.0
-
0.6
-
0.26
-
µs
tSU;STA
set-up time for a repeated
START condition
4.7
-
0.6
-
0.26
-
µs
tSU;STO
set-up time for STOP
condition
4.0
-
0.6
-
0.26
-
µs
tHD;DAT
data hold time
0
-
0
-
0
-
ns
tVD;ACK
data valid acknowledge time
[2]
0.3
3.45
0.1
0.9
0.05
0.45
µs
tVD;DAT
data valid time
[3]
0.3
3.45
0.1
0.9
0.05
0.45
µs
tSU;DAT
data set-up time
250
-
100
-
50
-
ns
tLOW
LOW period of the SCL
clock
4.7
-
1.3
-
0.5
-
µs
tHIGH
HIGH period of the SCL
clock
4.0
-
0.6
-
0.26
-
µs
tf
fall time of both SDA and
SCL signals
[5][6]
-
300
20 + 0.1Cb[4] 300
-
120
ns
tr
rise time of both SDA and
SCL signals
-
1000
20 + 0.1Cb[4] 300
-
120
ns
tSP
pulse width of spikes that
must be suppressed by the
input filter
[7]
-
50
-
50
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com