Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9633DP2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9633DP2 Datasheet HTML 1Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 2Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 3Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 4Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 5Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 6Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 7Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 8Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1.
General description
The PCA9633 is an I2C-bus controlled 4-bit LED driver optimized for
Red/Green/Blue/Amber (RGBA) color mixing applications. Each LED output has its own
8-bit resolution (256 steps) fixed frequency Individual PWM controller that operates at
97 kHz with a duty cycle that is adjustable from 0 % to 99.6 % to allow the LED to be set
to a specific brightness value. A fifth 8-bit resolution (256 steps) Group PWM controller
has both a fixed frequency of 190 Hz and an adjustable frequency between 24 Hz to once
every 10.73 seconds with a duty cycle that is adjustable from 0 % to 99.6 % that is used to
either dim or blink all LEDs with the same value.
Each LED output can be off, on (no PWM control), set at its Individual PWM controller
value or at both Individual and Group PWM controller values. The LED output driver is
programmed to be either open-drain with a 25 mA current sink capability at 5 V or totem
pole with a 25 mA sink, 10 mA source capability at 5 V. The PCA9633 operates with a
supply voltage range of 2.3 V to 5.5 V and the outputs are 5.5 V tolerant. LEDs can be
directly connected to the LED output (up to 25 mA, 5.5 V) or controlled with external
drivers and a minimum amount of discrete components for larger current or higher voltage
LEDs.
The PCA9633 is one of the first LED controller devices in a new Fast-mode Plus (Fm+)
family. Fm+ devices offer higher frequency (up to 1 MHz) and more densely populated bus
operation (up to 4000 pF).
The active LOW Output Enable input pin (OE) allows asynchronous control of the LED
outputs and can be used to set all the outputs to a defined I2C-bus programmable logic
state. The OE can also be used to externally PWM the outputs, which is useful when
multiple devices need to be dimmed or blinked together using software control. This
feature is available for the 16-pin version only.
Software programmable LED Group and three Sub Call I2C addresses allow all or defined
groups of PCA9633 devices to respond to a common I2C address, allowing for example,
all red LEDs to be turned on or off at the same time or marquee chasing effect, thus
minimizing I2C-bus commands.
The PCA9633 is offered with 3 different I2C-bus address options: fixed I2C-bus address
(8-pin version), 4 different I2C-bus addresses from 2 programmable address pins (10-pin
version), and 126 different I2C-bus addresses from 7 programmable address pins (16-pin
version). They are software identical except for the different number of address
combinations.
The Software Reset (SWRST) Call allows the master to perform a reset of the PCA9633
through the I2C-bus, identical to the Power-On Reset (POR) that initializes the registers to
their default state causing the outputs to be set HIGH (LED off). This allows an easy and
quick way to reconfigure all device registers to the same condition.
PCA9633
4-bit Fm+ I2C-bus LED driver
Rev. 05 — 25 July 2008
Product data sheet


Similar Part No. - PCA9633DP2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633DP2 NXP-PCA9633DP2 Datasheet
223Kb / 42P
4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
More results

Similar Description - PCA9633DP2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633 Datasheet
223Kb / 42P
4-bit Fm I2C-bus LED driver
Rev. 03-20 December 2006
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9632 NXP-PCA9632 Datasheet
212Kb / 38P
4-bit Fm I2C-bus low power LED driver
Rev. 03-15 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
8-Bit FM I2C Bus LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com