Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DH/4 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2113DH/4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DH/4 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2113DH/4 Datasheet HTML 21Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 22Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 23Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 24Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 25Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 26Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 27Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 28Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
25 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
There are 4 types of instructions:
• Designate PCF2113x functions such as display format, data length
• Set internal RAM addresses
• Perform data transfer with internal RAM
• Other functions
In normal use, data transfer instructions are used most frequently. However, automatic
incrementing by 1 (or decrementing by 1) of internal RAM addresses after each data write
lessens the microcontroller program load. The display shift in particular can be performed
concurrently with display data write, enabling the designer to develop systems in minimum
time with maximum programming efficiency.
During internal operation, no instructions other than the ‘read busy flag’ and ‘read
address’ instructions will be executed. Because the busy flag is set to logic 1 while an
instruction is being executed, check to ensure it is logic 0 before sending the next
instruction or wait for the maximum instruction execution time, as given in Table 10. An
instruction sent while the busy flag is logic 1 will not be executed.
Table 10.
Instruction set with parallel bus commands
Instruction
Control and command bits
Description[1]
Required
clock
cycles
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
H = 0 or 1 (basic and extended functions)
NOP
0
0
00000000no operation
3
Function set
0
0
0
0
1
DL
0
M
SL
H
sets interface Data
Length (DL), number of
display lines (M), single
line/MUX 1:9 (SL) and
extended instruction set
control (H)
3
Read busy flag
and address
counter
0
1
BF
AC
reads the Busy Flag (BF),
indicating internal operating
is being performed, and the
Address Counter (AC)
0
Read data
1
1
read data
reads data from CGRAM or
DDRAM
3
Write data
1
0
write data
writes data to CGRAM or
DDRAM
3
H = 0 (basic functions)
Clear display
0
0
0
0
0
00001
clears entire display and sets
DDRAM address 0 in
address counter
165
Return home
0
0
0
0
0
00010
sets DDRAM address 0 in
address counter; also
returns shifted display to
original position; DDRAM
contents remain unchanged
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com