Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DH/4 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCF2113DH/4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DH/4 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCF2113DH/4 Datasheet HTML 40Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 41Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 42Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 43Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 44Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 45Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 46Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 47Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
44 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
Spikes on VDD1 or VSS1 which cause (VDD1 − VSS1) ≤ 1.6 V can cause a Power-on reset.
[2]
Resets all logic when VDD1 < VPOR; 3 oscillator cycles required.
[3]
LCD outputs are open-circuit; inputs at VDD1 or VSS1; bus inactive.
[4]
Tamb =25 °C; fosc = 200 kHz.
[5]
LCD outputs are open-circuit; VLCD generator is on; load current IDD(LCD) =5 µA (at VLCD).
[6]
Tested on a sample basis.
[7]
Resistance of output pins (R1 to R18 and C1 to C60) with a load current of 10
µA; outputs measured one at a time; external V
LCD =3V;
VDD1 =VDD2 =VDD3 =VLCD.
[8]
LCD outputs are open-circuit; external VLCD.
Pins DB7 to DB0
IOL
LOW-level output
current
VOL = 0.4 V; VDD1 = 5 V
1.6
4
-
mA
IOH
HIGH-level output
current
VOH = 0.4 V; VDD1 =5V
−1
−8-
mA
Ipu
pull-up current
VI =VSS1
0.04
0.15
1
µA
I2C-bus
Input on pins SDA and SCL
VI
input voltage
VSS1 − 0.5 -
5.5
V
VIL
LOW-level input voltage
0
-
0.3VDD1
V
VIH
HIGH-level input
voltage
0.7VDD1
-
5.5
V
ILI
input leakage current
VI = VDD1 or VSS1
−1-
+1
µA
CI
input capacitance
[6] -5
-pF
Output on pin SDA
IOL(SDA)
LOW-level output
current on pin SDA
VOL = 0.4 V; VDD1 >2V
3
-
-
mA
VOL = 0.2VDD1; VDD1 <2V
2
-
-
mA
LCD outputs
RO
output resistance
row outputs: pins R1 to R18
[7] -10
30
k
Ω
column outputs: pins C1 to C60
[7] -15
40
k
Ω
∆Vbias
bias voltage variation
pins R1 to R18 and C1 to C60
[8] -
20
130
mV
∆VLCD
LCD voltage variation
Tamb =25 °C
[5]
VLCD < 3 V
-
-
160
mV
VLCD < 4 V
-
-
200
mV
VLCD < 5 V
-
-
260
mV
VLCD < 6 V
-
-
340
mV
Table 19.
Static characteristics …continued
VDD1 = 1.8 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V; VLCD = 2.2 V to 6.5 V; Tamb = −40 °Cto+85 °C;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com