Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113DH/4 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF2113DH/4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113DH/4 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF2113DH/4 Datasheet HTML 22Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 23Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 24Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 25Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 26Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 27Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 28Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 29Page - NXP Semiconductors PCF2113DH/4 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
26 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
[1]
For explanation of symbols, see Table 11.
Entry mode set
0
0
0
0
0
0
0
1
I/D
S
sets cursor move direction
(I/D) and specifies shift of
display (S); these operations
are performed during data
write and read
3
Display control
0
0
0
0
0
0
1
D
C
B
sets entire display on/off (D),
cursor on/off (C) and blink of
cursor position character (B)
3
Cursor/display
shift
0
0
0
0
0
1
S/C
R/L
0
0
moves cursor or shifts
display (S/C) to right or left
(R/L) without changing the
DDRAM contents
3
Set CGRAM
address
0
0
0
1
ACG
sets CGRAM address;
bit DB6 is to be set by the
command ‘set DDRAM
address’; the descriptions of
the commands provide
details
3
Set DDRAM
address
0
0
1
ADD
sets DDRAM address
3
H = 1 (extended functions)
Reserved
0
0
0
0
0
00001do not use
-
Screen
configuration
0
0
0000001L
set screen configuration (L)
3
Display
configuration
0
0
000001P
Q
set display configuration,
columns (P) and rows (Q)
3
Icon control
0
0
0
0
0
0
1
IM
IB
DM
set Icon mode (IM), icon
blink (IB), Direct mode (DM)
3
Temperature
control
0
0
0
0
0
1
0
0
TC1
TC2
set temperature coefficient
(TC1 and TC2)
3
Set HVgen
stages
0
0
010000S1
S0
set internal VLCD generator
voltage multiplier stages
(S1 = 1 and S0 = 1 are not
allowed)
3
Set VLCD
0
0
1
V
voltage
store VLCD in register VA or
in register VB (V)
3
Table 10.
Instruction set with parallel bus commands …continued
Instruction
Control and command bits
Description[1]
Required
clock
cycles
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com