Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 2Page - NXP Semiconductors PCF8563 Datasheet HTML 3Page - NXP Semiconductors PCF8563 Datasheet HTML 4Page - NXP Semiconductors PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
6 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
7.6 Register organization
7.6.1 Control_status_1 register
7.6.2 Control_status_2 register
Bits TF and AF: When an alarm occurs, AF is set to logic 1. Similarly, at the end of a timer
countdown, TF is set to logic 1. These bits maintain their value until overwritten by
software. If both timer and alarm interrupts are required in the application, the source of
the interrupt can be determined by reading these bits. To prevent one flag being
overwritten while clearing another a logic AND is performed during a write access.
Table 3.
Formatted registers overview
Bit positions labelled as x are not relevant. Bit positions labelled with 0 should always be written with logic 0; if read they could
be either logic 0 or logic 1.
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
control_status_1
TEST1
0
STOP
0
TESTC
0
0
0
01h
control_status_2
0
0
0
TI_TP
AF
TF
AIE
TIE
02h
VL_seconds
VL
<seconds 00 to 59 coded in BCD>
03h
minutes
x
<minutes 00 to 59 coded in BCD>
04h
hours
x
x
<hours 00 to 23 coded in BCD>
05h
days
x
x
<days 01 to 31 coded in BCD>
06h
weekdays
xxxxx
<weekdays 0 to 6 in BCD>
07h
century_months
C
x
x
<months 01 to 12 coded in BCD>
08h
years
<years 00 to 99 coded in BCD>
09h
minute_alarm
AE
<minute alarm 00 to 59 coded in BCD>
0Ah
hour_alarm
AE
x
<hour alarm 00 to 23 coded in BCD>
0Bh
day_alarm
AE
x
<day alarm 01 to 31 coded in BCD>
0Ch
weekday_alarm
AE
xxxx
<weekday alarm 0 to 6 in BCD>
0Dh
CLKOUT_control
FE
xxxxx
FD1
FD0
0Eh
timer_control
TE
xxxxx
TD1
TD0
0Fh
timer
<timer countdown value>
Table 4.
Control_status_1 - Control and Status register 1 (address 00h) bit description
Bit
Symbol
Value
Description
7
TEST1
0
Normal mode
1
EXT_CLK test mode
6
0
default value is logic 0
5
STOP
0
RTC source clock runs
1
all RTC divider chain flip-flops are asynchronously set to logic 0; the
RTC clock is stopped (CLKOUT at 32.768 kHz is still available)
4
0
default value is logic 0
3
TESTC
0
Power-on reset override facility is disabled; set to logic 0 for normal
operation
1
Power-on reset override may be enabled
2 to 0
0
default value is logic 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com