Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors PCF8563 Datasheet HTML 13Page - NXP Semiconductors PCF8563 Datasheet HTML 14Page - NXP Semiconductors PCF8563 Datasheet HTML 15Page - NXP Semiconductors PCF8563 Datasheet HTML 16Page - NXP Semiconductors PCF8563 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
13 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
[1]
registers marked ‘x’ are undefined at power-up and unchanged by subsequent resets.
8.
Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor. Data transfer may be initiated only
when the bus is not busy.
8.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
will be interpreted as a control signal (see Figure 9).
8.2 Start and stop conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line, while the clock is HIGH is defined as the START condition (S). A
LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP
condition (P); see Figure 10.
05h
days
xxxxxxxx
06h
weekdays
x
x
x
x
x
x
x
x
07h
century_months
x
x
x
x
x
x
x
x
08h
years
x
x
x
x
x
x
x
x
09h
minute_alarm
1
x
x
x
x
x
x
x
0Ah
hour_alarm
1
x
x
x
x
x
x
x
0Bh
day_alarm
1
x
x
x
x
x
x
x
0Ch
weekday_alarm
1
x
x
x
x
x
x
x
0Dh
CLKOUT_control
1
x
x
x
x
x
0
0
0Eh
timer_control
0
x
x
x
x
x
1
1
0Fh
timer
x
x
x
x
x
x
x
x
Table 25.
Register reset value[1] …continued
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Fig 9.
Bit transfer
mbc621
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com