Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8563 Datasheet HTML 4Page - NXP Semiconductors PCF8563 Datasheet HTML 5Page - NXP Semiconductors PCF8563 Datasheet HTML 6Page - NXP Semiconductors PCF8563 Datasheet HTML 7Page - NXP Semiconductors PCF8563 Datasheet HTML 8Page - NXP Semiconductors PCF8563 Datasheet HTML 9Page - NXP Semiconductors PCF8563 Datasheet HTML 10Page - NXP Semiconductors PCF8563 Datasheet HTML 11Page - NXP Semiconductors PCF8563 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
8 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
[1]
The PCF8563 compensates for leap years by adding a 29th day to February if the year counter contains a
value which is exactly divisible by 4, including the year 00.
[1]
These bits may be re-assigned by the user.
[1]
This bit may be re-assigned by the user.
Table 8.
Minutes - Minutes register (address 03h) bit description
Bit
Symbol
Value
Description
7
x
not relevant
6 to 0
MINUTES[6:0]
00 to 59
the current minutes, coded in BCD format
Table 9.
Hours - Hours register (address 04h) bit description
Bit
Symbol
Value
Description
7 to 6
x
not relevant
5 to 0
HOURS[5:0]
00 to 23
the current hours, coded in BCD format
Table 10.
Days - Days register (address 05h) bit description
Bit
Symbol
Value
Description
7 to 6
x
not relevant
5 to 0
DAYS[5:0]
01 to 31
the current day, coded in BCD format[1]
Table 11.
Weekdays - Weekdays register (address 06h) bit description
Bit
Symbol
Value
Description
7 to 3
x
not relevant
2to0[1]
WEEKDAYS[2:0] 0 to 6
the current weekday, coded in BCD format,
see Table 12.
Table 12.
Weekday assignments
Weekday
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Sunday
xxxxx0
0
0
Monday
xxxxx0
0
1
Tuesday
xxxxx0
1
0
Wednesday
xxxxx0
1
1
Thursday
xxxxx1
0
0
Friday
xxxxx1
0
1
Saturday
xxxxx1
1
0
Table 13.
Century_months - Century and Months register (address 07h) bit description
Bit
Symbol
Value
Description
7C[1]
century; this bit is toggled when the years register
overflows from 99 to 00
0
indicates the century is 20xx
1
indicates the century is 19xx
6 to 5
x
not relevant
4 to 0
MONTHS[4:0]
01 to 12
the current month, coded in BCD format, see Table 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com