Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8563T
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8563T Datasheet HTML 14Page - NXP Semiconductors PCF8563T Datasheet HTML 15Page - NXP Semiconductors PCF8563T Datasheet HTML 16Page - NXP Semiconductors PCF8563T Datasheet HTML 17Page - NXP Semiconductors PCF8563T Datasheet HTML 18Page - NXP Semiconductors PCF8563T Datasheet HTML 19Page - NXP Semiconductors PCF8563T Datasheet HTML 20Page - NXP Semiconductors PCF8563T Datasheet HTML 21Page - NXP Semiconductors PCF8563T Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
18 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
[1]
For reliable oscillator start-up at power-up: VDD(min)power-up =VDD(min) + 0.3 V.
[2]
Timer source clock = 1
⁄
60 Hz, level of pins SCL and SDA is VDD or VSS.
[3]
Tested on sample basis.
IDD
supply current
interface inactive (fSCL = 0 Hz); CLKOUT
enabled at 32 kHz; Tamb =25 °C; see Figure 18
[2]
VDD = 5.0 V
-
825
1600
nA
VDD = 3.0 V
-
550
1000
nA
VDD = 2.0 V
-
425
800
nA
interface inactive (fSCL = 0 Hz); CLKOUT
enabled at 32 kHz; Tamb = −40 °C to +85 °C;
see Figure 18
[2]
VDD = 5.0 V
-
950
1700
nA
VDD = 3.0 V
-
650
1100
nA
VDD = 2.0 V
-
500
900
nA
Inputs
VIL
LOW-level input
voltage
VSS
-
0.3VDD
V
VIH
HIGH-level input
voltage
0.7VDD
-VDD
V
ILI
input leakage
current
VI =VDD or VSS
−10
+1
µA
Ci
input
capacitance
[3] --7
pF
Outputs
IOL
LOW-level
output current
VOL = 0.4 V; VDD =5V
on pin SDA
−3
--mA
on pin INT
−1
--mA
on pin CLKOUT
−1
--mA
IOH
HIGH-level
output current
on pin CLKOUT; VOH = 4.6 V; VDD =5V
1
-
-
mA
ILO
output leakage
current
VO =VDD or VSS
−10
+1
µA
Voltage detector
Vlow
low voltage
Tamb =25 °C; sets bit VL; see Figure 7
-
0.9
1.0
V
Table 27.
Static characteristics …continued
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com