Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8563T
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8563T Datasheet HTML 8Page - NXP Semiconductors PCF8563T Datasheet HTML 9Page - NXP Semiconductors PCF8563T Datasheet HTML 10Page - NXP Semiconductors PCF8563T Datasheet HTML 11Page - NXP Semiconductors PCF8563T Datasheet HTML 12Page - NXP Semiconductors PCF8563T Datasheet HTML 13Page - NXP Semiconductors PCF8563T Datasheet HTML 14Page - NXP Semiconductors PCF8563T Datasheet HTML 15Page - NXP Semiconductors PCF8563T Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
12 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
Operation example:
1. Set EXT_CLK test mode (control_status_1, bit TEST1 = 1)
2. Set STOP (control_status_1, bit STOP = 1)
3. Clear STOP (control_status_1, bit STOP = 0)
4. Set time registers to desired value
5. Apply 32 clock pulses to CLKOUT
6. Read time registers to see the first change
7. Apply 64 clock pulses to CLKOUT
8. Read time registers to see the second change
Repeat steps 7 and 8 for additional increments.
7.8 Power-On Reset (POR) override
The POR duration is directly related to the crystal oscillator start-up time. Due to the long
start-up times experienced by these types of circuits, a mechanism has been built in to
disable the POR and hence speed up on-board test of the device. The setting of this mode
requires that the I2C-bus pins, SDA and SCL, be toggled in a specific order as shown in
Figure 8. All timings are required minimums.
Once the Override mode has been entered, the device immediately stops being reset and
normal operation may commence i.e. entry into the EXT_CLK test mode via I2C-bus
access. The Override mode may be cleared by writing a logic 0 to TESTC. TESTC must
be set to logic 1 before re-entry into the Override mode is possible. Setting TESTC to
logic 0 during normal operation has no effect except to prevent entry into the POR
override mode.
Table 25 shows the register reset values.
Fig 8.
POR override sequence
mgm664
SCL
500 ns
2000 ns
SDA
8 ms
override active
power up
Table 25.
Register reset value[1]
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
control_status_1
0
0
0
0
1
0
0
0
01h
control_status_2
x
x
0
0
0
0
0
0
02h
VL_seconds
1
x
x
x
x
x
x
x
03h
minutes
1
x
x
x
x
x
x
x
04h
hours
x
x
x
x
x
x
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com