Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8563T
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8563T Datasheet HTML 12Page - NXP Semiconductors PCF8563T Datasheet HTML 13Page - NXP Semiconductors PCF8563T Datasheet HTML 14Page - NXP Semiconductors PCF8563T Datasheet HTML 15Page - NXP Semiconductors PCF8563T Datasheet HTML 16Page - NXP Semiconductors PCF8563T Datasheet HTML 17Page - NXP Semiconductors PCF8563T Datasheet HTML 18Page - NXP Semiconductors PCF8563T Datasheet HTML 19Page - NXP Semiconductors PCF8563T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
16 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
Fig 14. Master transmits to slave receiver (Write mode)
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
memory word address
mbd822
n bytes
Fig 15. Master reads after setting word address (write word address; read data)
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
acknowledgement
from master
A
DATA
auto increment
memory word address
001aag133
P
no acknowledgement
from master
1
DATA
auto increment
memory word address
last byte
R/W
S1
n bytes
at this moment master transmitter
becomes master receiver and
PCA8563 slave receiver
becomes slave transmitter
Fig 16. Master reads slave immediately after first byte (Read mode)
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledgement
from slave
acknowledgement
from master
no acknowledgement
from master
R/W
auto increment
word address
mgl665
auto increment
word address
n bytes
last byte
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com