Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563BS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8563BS
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563BS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8563BS Datasheet HTML 15Page - NXP Semiconductors PCF8563BS Datasheet HTML 16Page - NXP Semiconductors PCF8563BS Datasheet HTML 17Page - NXP Semiconductors PCF8563BS Datasheet HTML 18Page - NXP Semiconductors PCF8563BS Datasheet HTML 19Page - NXP Semiconductors PCF8563BS Datasheet HTML 20Page - NXP Semiconductors PCF8563BS Datasheet HTML 21Page - NXP Semiconductors PCF8563BS Datasheet HTML 22Page - NXP Semiconductors PCF8563BS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
19 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
Tamb =25 °C; Timer = 1 minute.
Tamb =25 °C; Timer = 1 minute.
Fig 17. Supply current IDD as a function of supply
voltage VDD; CLKOUT disabled
Fig 18. Supply current IDD as a function of supply
voltage VDD; CLKOUT = 32 kHz
VDD = 3 V; Timer = 1 minute.
Tamb =25 °C; normalized to VDD =3V.
Fig 19. Supply current IDD as a function of
temperature T; CLKOUT = 32 kHz
Fig 20. Frequency deviation as a function of supply
voltage VDD
02
6
mgr888
4
VDD (V)
1
0
0.4
0.2
0.8
0.6
IDD
(
µA)
02
6
mgr889
4
VDD (V)
1
0
0.4
0.2
0.8
0.6
IDD
(
µA)
−40
0
40
120
mgr890
80
T (
°C)
1
0
0.4
0.2
0.8
0.6
IDD
(
µA)
02
6
4
2
−4
−2
0
mgr891
4
VDD (V)
frequency
deviation
(ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com