Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563BS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8563BS
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563BS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8563BS Datasheet HTML 5Page - NXP Semiconductors PCF8563BS Datasheet HTML 6Page - NXP Semiconductors PCF8563BS Datasheet HTML 7Page - NXP Semiconductors PCF8563BS Datasheet HTML 8Page - NXP Semiconductors PCF8563BS Datasheet HTML 9Page - NXP Semiconductors PCF8563BS Datasheet HTML 10Page - NXP Semiconductors PCF8563BS Datasheet HTML 11Page - NXP Semiconductors PCF8563BS Datasheet HTML 12Page - NXP Semiconductors PCF8563BS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
9 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
7.6.4 Alarm registers
When one or more of these registers are loaded with a valid minute, hour, day or weekday
and its corresponding bit Alarm Enable (AE) is logic 0, then that information will be
compared with the current minute, hour, day and weekday. When all enabled comparisons
first match, the Alarm Flag (AF) is set. AF will remain set until cleared by software.
Once AF has been cleared it will only be set again when the time increments to match the
alarm condition once more. Alarm registers which have their bit AE at logic 1 will be
ignored.
Table 14.
Month assignments
Month
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
C
x
x
00001
February
C
x
x
00010
March
C
x
x
00011
April
C
x
x
00100
May
C
x
x
00101
June
C
x
x
00110
July
C
x
x
00111
August
C
x
x
01000
September
C
x
x
01001
October
C
x
x
10000
November
C
x
x
10001
December
C
x
x
10010
Table 15.
Years - Years register (address 08h) bit description
Bit
Symbol
Value
Description
7 to 0
YEARS[7:0]
00 to 99
the current year, coded in BCD format
Table 16.
Minute_alarm - Minute alarm register (address 09h) bit description
Bit
Symbol
Value
Description
7
AE
0
minute alarm is enabled
1
minute alarm is disabled
6 to 0
ALARM _MINUTES[6:0]
00 to 59
the minute alarm information, coded in BCD
format
Table 17.
Hour_alarm - Hour alarm register (address 0Ah) bit description
Bit
Symbol
Value
Description
7
AE
0
hour alarm is enabled
1
hour alarm is disabled
6
x
not relevant
5 to 0
ALARM_HOURS[5:0]
00 to 23
the hour alarm information, coded in BCD format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com