Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563BS Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8563BS
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563BS Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8563BS Datasheet HTML 16Page - NXP Semiconductors PCF8563BS Datasheet HTML 17Page - NXP Semiconductors PCF8563BS Datasheet HTML 18Page - NXP Semiconductors PCF8563BS Datasheet HTML 19Page - NXP Semiconductors PCF8563BS Datasheet HTML 20Page - NXP Semiconductors PCF8563BS Datasheet HTML 21Page - NXP Semiconductors PCF8563BS Datasheet HTML 22Page - NXP Semiconductors PCF8563BS Datasheet HTML 23Page - NXP Semiconductors PCF8563BS Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
20 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
11. Dynamic characteristics
[1]
Unspecified for fCLKOUT = 32.768 kHz.
[2]
All timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage
swing of VSS to VDD.
[3]
A detailed description of the I2C-bus specification, with applications, is given in brochure
The I2C-bus specification. This brochure may
be ordered using the code 9398 393 40011.
[4]
I2C-bus access time between two STARTs or between a START and a STOP condition to this device must be less than one second.
Table 28.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; fosc = 32.768 kHz; quartz Rs =40kΩ; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Oscillator
CL(itg)
integrated load capacitance
15
25
35
pF
∆fosc/fosc
relative oscillator frequency variation
∆V
DD = 200 mV;
Tamb =25 °C
-2
× 10−7 -
Quartz crystal parameters (f = 32.768 kHz)
Rs
series resistance
-
-
40
k
Ω
CL
load capacitance
parallel
-
10
-
pF
Ctrim
trimmer capacitance
5
-
25
pF
CLKOUT output
δCLKOUT
duty cycle on pin CLKOUT
[1] -50
-
%
I2C-bus timing characteristics (see Figure 21)
[2][3]
fSCL
SCL clock frequency
[4] -
-
400
kHz
tHD;STA
hold time (repeated) START condition
0.6
-
-
µs
tSU;STA
set-up time for a repeated START condition
0.6
-
-
µs
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tr
rise time of both SDA and SCL signals
SDA
-
-
0.3
µs
SCL
-
-
0.3
µs
tf
fall time of both SDA and SCL signals
SDA
-
-
0.3
µs
SCL
-
-
0.3
µs
Cb
capacitive load for each bus line
-
-
400
pF
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
0.6
-
-
µs
tw(spike)
spike pulse width
on bus
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com