Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60 Datasheet(PDF) 13 Page - Tyco Electronics

Part # decaSMDC050F/60
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button decaSMDC050F/60 Datasheet HTML 8Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 9Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 10Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 11Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 12Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 13Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 14Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 15Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
143
15
RoHS Compliant, ELV Compliant
A
B
CB
Recommended Pad Layout for Surface-mount Devices
Figure S14
Packaging and Marking Information for Surface-mount Devices
... Cont’d
Table S6
SMD Series
Size 7555 mm/2920 mils
SMD030F
2,000
10,000
030F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD050F
2,000
10,000
050F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD075F
2,000
10,000
075F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD075F/60
2,000
10,000
756F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD100F
2,000
10,000
100F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD100F/33
2,000
10,000
103F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMDH120
2,000
10,000
H12
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD125F
2,000
10,000
125F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD260F
2,000
10,000
260F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD300F
2,000
10,000
300F
3.10 (0.12)
2.30 (0.09)
5.10 (0.201)
UL, CSA, TÜV
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
1,500
7,500
150F
4.60 (0.18)
2.30 (0.09)
6.10 (0.240)
UL, CSA, TÜV
SMD150F/33
1,500
7,500
153F
4.60 (0.18)
2.30 (0.09)
6.10 (0.240)
UL, CSA, TÜV
SMDH160
1,500
7,500
160F
4.60 (0.18)
2.30 (0.09)
6.10 (0.240)
UL, CSA, TÜV
SMD185F
1,500
7,500
185F
4.60 (0.18)
2.30 (0.09)
6.10 (0.240)
UL, CSA, TÜV
SMD200F
1,500
7,500
200F
4.60 (0.18)
2.30 (0.09)
6.10 (0.240)
UL, CSA, TÜV
SMD250F
1,500
7,500
250F
4.60 (0.18)
2.30 (0.09)
6.10 (0.240)
UL, CSA, TÜV
Part Number
Tape & Reel
Quantity
Standard
Package
Part
Marking
Dimension
A (Nom.)
Dimension
B (Nom.)
Dimension
C (Nom.)
Agency
Recognition
Recommended Pad Layout Figures [mm(In.)]
Agency Recognition for Surface-mount Devices
UL
File # E74889 for all surface-mount devices
CSA
File # CA78165 for all surface-mount devices
TÜV
Certificate # R72072068 for picoSMD series
Certificate # R72041439 for nanoSMD series
Certificate # R72041438 for microSMD and miniSMD series
Certificate # R72090019 for decaSMD series
Certificate # R72041427 for SMD series
Certificate # R72072048 for SMDH series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com