Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60 Datasheet(PDF) 14 Page - Tyco Electronics

Part # decaSMDC050F/60
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button decaSMDC050F/60 Datasheet HTML 8Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 9Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 10Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 11Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 12Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 13Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 14Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 15Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
144
15
RoHS Compliant, ELV Compliant
Solder Reflow
• Recommended reflow methods:
- IR
- Hot air
- Nitrogen
• Recommended maximum paste thickness: 0.25mm (0.010 inch)
• Devices can be cleaned using standard methods and aqueous solvents.
• We believe the optimum conditions for forming acceptable solder fillets occur when a reasonable amount of solder paste is placed
underneath each device’s termination. As such, we request that customers comply with our recommended solder pad layouts.
• Customer should validate that the solder paste amount and reflow recommendations meet its application.
• We request that customer board layouts refrain from placing raised features (e.g. vias, nomenclature, traces, etc.) underneath PolySwitch
devices. It is possible that raised features could negatively impact solderability performance of our devices.
Rework
• picoSMD, nanoSMD, microSMD and miniSMD series: standard industry practices. Please also avoid direct contact to the device.
• SMD series: rework should be confined to removal of the installed product and replacement with a fresh device.
Solder Reflow and Rework Recommendation for Surface-mount Devices
Critical Zone
T
L to Tp
Ramp up
t 25˚C to Peak
Reflow Profile
Time
Ramp down
ts
Preheat
Ts
MAX
T
L
Tp
tp
25
Ts
MIN
t
L
Figure S15
Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp up rate (TsMAX to Tp)
3°C/second max.
3°C/second max.
Preheat
• Temperature min. (TsMIN)
100°C
150°C
• Temperature max. (TsMAX)
150°C
200°C
• Time (tsMIN to tsMAX)
60-120 seconds
60-180 seconds
Time maintained above:
• Temperature (TL)
183°C
217°C
• Time (tL)
30-70 seconds
30-70 seconds
Peak/Classification temperature (Tp)
240°C
260°C
Time within 5°C of actual peak temperature
Time (tp)
10-30 seconds
20-40 seconds
Ramp down rate
6°C/second max.
6°C/second max.
Time 25°C to peak temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com