Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60 Datasheet(PDF) 2 Page - Tyco Electronics

Part # decaSMDC050F/60
Description  PolySwitch Resettable Devices Surface-mount Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60 Datasheet(HTML) 2 Page - Tyco Electronics

  decaSMDC050F/60 Datasheet HTML 1Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 2Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 3Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 4Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 5Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 6Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 7Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 8Page - Tyco Electronics decaSMDC050F/60 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
132
15
RoHS Compliant, ELV Compliant
Protection Application Selection Table for Surface-mount Devices
AC adapter input power
use w/ Zener & triac
SMD250F
SMD250F
SMD200F
Battery pack protection
nanoSMDC150F
miniSMDC260F
miniSMDE190F
Charger protection
nanoSMDC050F
miniSMDC110F/16
nanoSMDC075F
CPU/IC protection
nanoSMDC110F
nanoSMDC150F
nanoSMDC075F
Data acquisition/sensor
microSMD005F
-
microSMD005F
DC input/output power
≤6V
nanoSMDC075F
nanoSMDC150F
nanoSMDC050F/13.2
≤12V
miniSMDC075F
miniSMDC110F/16
miniSMDC075F
DDC
nanoSMDC075F
nanoSMDC110F
nanoSMDC050F/13.2
Device Bay system
DB12, DB20
miniSMDC200F
miniSMDC260F
miniSMDC200F
DB32
miniSMDC260F
SMD300F
miniSMDC200F
Ethernet/Lan
nanoSMDC050F/13.2
miniSMDC110F/16
nanoSMDC075F
Fan
microSMD035F
microSMD050F
microSMD035F
HDMI
picoSMD035F
picoSMD035F
picoSMD035F
IEEE 802.3af
VOIP
decaSMDC050F/60
decaSMDC050F/60
decaSMDC050F/60
IEEE-1394
power provider
SMD100F/33
SMD185F
SMD100F/33
alt. power provider
SMD185F
SMD185F
SMD150F/33
self-powered
SMD185F
SMD185F
SMD150F/33
LCD inverter
nanoSMDC050F/13.2
miniSMDC110F/16
nanoSMDC075F
LCD screen power
nanoSMDC050F/13.2
nanoSMDC050F/13.2
microSMD035F
LNB (Low Noise Block)
SMD075F
SMD075F
SMD050F
Motor
≤6V
nanoSMDC110F
nanoSMDC150F
microSMD075F
≤13.2V
miniSMDC075F
miniSMDC110F/16
miniSMDC075F
PS/2 mouse/keyboard
nanoSMDC075F
nanoSMDC110F
nanoSMDC050F/13.2
Signal - data communication
≤6V
nanoSMDC075F
nanoSMDC075F
nanoSMDC075F
≤13.2V
miniSMDC050F
miniSMDC075F
miniSMDC020F
≤30V
SMD030F-2018
SMD075F
SMD050F
SCSI
nanoSMDC110F
nanoSMDC150F
nanoSMDC075F
Smart card reader
microSMD010F
microSMD035F
microSMD005F
Telecom - modem
Digital line
OC
miniSMDC014F
miniSMDC014F
miniSMDC014F
OV
TVBxxx(N)SC-L*
TVBxxx(N)SC-L*
TVBxxx(N)SC-L*
Telecom - PBX
Subscriber
OC
miniSMDC014F
miniSMDC014F
miniSMDC014F
Temperature sensor
CPU
nanoSMDC050F/13.2
nanoSMDC075F
nanoSMDC050F/13.2
USB
Individual Port
nanoSMDC075F
nanoSMDC110F
nanoSMDC050F/13.2
2 port ganged
nanoSMDC150F
miniSMDC150F
miniSMDC125F
3 port ganged
miniSMDC200F
miniSMDC200F
miniSMDC200F
Note : This list is not exhaustive. Tyco Electronics welcomes our customers’ input for additional application ideas for PolySwitch resettable devices.
*Refer to the SiBar product section for more information.
Protection Application
Additional Comments
PolySwitch Resettable Devices - Key Selection Criteria
Fast Time-to-trip
Small Size
Low Resistance
(Temperature Protection)
• The table below lists PolySwitch devices and SiBar devices typically used in these applications.
• Specifications for the suggested PolySwitch surface-mount device part numbers can be found in this section.
• Once a part has been selected, the user should evaluate and test each product for the intended application.
Overcurrent
Overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com