Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60-2 Datasheet(PDF) 14 Page - Tyco Electronics

Part # decaSMDC050F/60-2
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60-2 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button decaSMDC050F/60-2 Datasheet HTML 10Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 11Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 12Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 13Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 14Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 15Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 16Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 17Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 18Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
200
RoHS Compliant, ELV Compliant
10
Test
Conditions
Passive aging
60°C, 1000 hours
85°C, 1000 hours
Humidity aging
85°C, 85% RH, 1000 hours
Storage humidity
Per IPC/JEDEC J-STD-020A Level 2a
Thermal shock
125°C, -55°C (10 times)
Solvent resistance
MIL-STD-202, Method 215J
Note: Storage conditions: 40°C max., 70% RH max., devices should remain in original sealed bag prior to use. Devices may not meet specified values if these storage conditions are exceeded.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
Terminal material
Tin-plated brass
Insulating material
Nylon resin (UL94V-0), 1000V dielectric rating
Flammability
IEC 695-2-2 Needle Flame Test for 20s
Soldering characteristics
EIC60068-2-58, Method 7
Solder heat withstand
IEC-STD 68-2-20, Test Tb, Section 5 Method 1A
TSM600†
Physical Characteristics
Environmental Specifications
Operating temperature range for all listed products is -40°C to 85°C, except for TRF250-080T and TRF250-184 (0°C to 85°C)
Table T5
Physical Characteristics and Environmental Specifications for
Telecommunications and Networking Devices
Cont’d
Test
Conditions
Passive aging
60°C, 1000 hours
85°C, 1000 hours
Humidity aging
85°C, 85% RH, 1000 hours
Thermal shock
125°C, -55°C (10 times)
Solvent resistance
MIL-STD-202, Method 215F
Note: Storage conditions: 40°C max., 70% RH max., devices should remain in original sealed bag prior to use. Devices may not meet specified values if these storage conditions are exceeded.
Terminal material
Tin-plated brass
Insulating material
Nylon resin (UL94V-0), 1000V dielectric rating
Flammability
IEC 695-2-2 Needle Flame Test for 20s
Soldering characteristics
ANSI/J-STD-002, Category 3
Solder heat withstand
IEC-STD 68-2-20, Test Tb, Section 5 Method 1A
TS600†
Physical Characteristics
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com