Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60-2 Datasheet(PDF) 15 Page - Tyco Electronics

Part # decaSMDC050F/60-2
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60-2 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button decaSMDC050F/60-2 Datasheet HTML 11Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 12Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 13Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 14Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 15Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 16Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 17Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 18Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
201
RoHS Compliant, ELV Compliant
10
Chip* — 250VAC
TCF250
TCF250-100T
2,500
—
10,000
——
TCF250-120T
2,500
—
10,000
——
TCF250-145T
2,500
—
10,000
——
TCF250-180
2,500
—
10,000
—
UL
Radial-leaded* — 250VAC
TRF250
TRF250-055UT
500
—
10,000
——
TRF250-080U
500
—
10,000
—
UL, CSA, TÜV
TRF250-080U-2
—
1,500
7,500
—
UL, CSA, TÜV
TRF250-080T
500
—
10,000
08F
UL, CSA, TÜV
TRF250-110U
500
—
10,000
—
UL, CSA, TÜV
TRF250-120
500
—
10,000
20F
UL, CSA, TÜV
TRF250-120-2
—
1,500
7,500
20F
UL, CSA, TÜV
TRF250-120T
500
—
10,000
20F
UL, CSA, TÜV
TRF250-120T-2
—
1,500
7,500
20F
UL, CSA, TÜV
TRF250-120U
500
—
10,000
20F
UL, CSA, TÜV
TRF250-120U-2
—
1,500
7,500
20F
UL, CSA, TÜV
TRF250-120UT
500
—
10,000
20F
UL, CSA, TÜV
TRF250-145
500
—
10,000
45F
UL, CSA, TÜV
TRF250-145-2
—
1,500
7,500
45F
UL, CSA, TÜV
TRF250-145-RA
500
—
10,000
45F
UL, CSA, TÜV
TRF250-145U
500
—
10,000
45F
UL, CSA, TÜV
TRF250-145U-2
—
1,500
7,500
45F
UL, CSA, TÜV
TRF250-183
500
—
10,000
83F
UL, CSA, TÜV
TRF250-183-2
—
1,500
7,500
83F
UL, CSA, TÜV
TRF250-184
500
—
10,000
84F
UL, CSA, TÜV
Surface-mount* — 250VAC
TS250/TSL250/TSV250
TSL250-080F-2
—
1,500
7,500
T08
UL, CSA,TÜV
TS250-130F-2
—
1,500
7,500
T13
UL, CSA, TÜV
TSV250-130F-2
—
1,200
6,000
T13V
UL, CSA, TÜV
Radial-leaded† — 600VAC
TRF600
TRF600-150
500
—
10,000
150F
UL, CSA, TÜV
TRF600-150-2
—
1,500
7,500
150F
UL, CSA, TÜV
TR600-150F-EX
500
—
10,000
150F
UL, CSA
TR600-150F-EX-2
—
600
3,000
150F
UL, CSA
TR600-150F-EX-RA-B-0.5
500
—
10,000
150F
UL, CSA
TRF600-160
500
—
10,000
160F
UL, CSA, TÜV
TRF600-160-2
—
600
3,000
160F
UL, CSA, TÜV
TRF600-400
500
—
10,000
400F
UL, CSA
Surface-mount† — 600VAC
TS600/TSM600
TS600-170F-2
—
300
900
T20
UL, CSA
TS600-200F-RA-2
—
300
900
T20
UL, CSA
TS600-400F-2
—
300
900
T40
UL, CSA
TSM600-250F-2
—
200
1,000
TSM600
UL, CSA
TSM600-250F-RA-2
—
200
1,000
TSM600
UL, CSA
TSM600-400F-2
—
200
1,000
TSM600
UL
Part Number
Bag
Quantity
Tape & Reel
Quantity
Standard Package
Quantity
Part Marking
Agency Recognition
* 250VAC interrupt products are designed to help equipment pass ITU K.20, K.21, & K.45 recommendations and Telcordia GR-1089 Port Type 2 & 4 requirements.
† 600VAC interrupt products are designed to help equipment pass UL60950, TIA-968-A and GR1089 Port Type 1, 3 & 5 requirements.
NEW
Table T6 Packaging and Marking Information for Telecommunications and Networking Devices
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com