Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

decaSMDC050F/60-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # decaSMDC050F/60-2
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

decaSMDC050F/60-2 Datasheet(HTML) 3 Page - Tyco Electronics

  decaSMDC050F/60-2 Datasheet HTML 1Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 2Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 3Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 4Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 5Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 6Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 7Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 8Page - Tyco Electronics decaSMDC050F/60-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
189
RoHS Compliant, ELV Compliant
10
Protection Application Guide for Telecommunications and Networking Devices*
Cont’d
LAN intrabuilding power cross protection
North America
TRF250-080U
TSL250-080F
LAN equipment, VoIP cards, IP phones
GR1089 Port Type 4‡
TRF250-120
TS250-130F
TRF250-120T
TSV250-130F
TRF250-145
TRF250-183
TRF250-184
IEEE 802.3AF/AT Power over
decaSMDC050F/60-2††
Ethernet protection
Powered Ethernet switches and terminals,
IP phones, wireless LAN base stations,
microcellular base stations, VoIP cards
Cable telephony powering system
Power passing taps
BBRF550‡‡
Agency Specification/Selection Guide for Telecommunications and Networking Devices
Use the guide below to select the PolySwitch devices which are typically used in your application. The following pages contain the
specifications for the part numbers recommended below. PolySwitch devices assist telecommunication equipment in meeting the applicable
protection requirements of these industry specifications. Refer to individual agency specifications for test procedures and circuit schematics.
Users should independently evaluate the suitability of, and test each product for their application.
Family
Product*
Lightning
Power Cross/Contact/Induction
TCF250
TCF250-100T
ITU K.20 – 1.0kV 10/700µs
PRC YD/T694
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20/21/45 – 0.2A2s
ITU K.20/21/45 – 1A2s†
GR-1089 Port Type 4 – 120VAC, 25Asc
TCF250-120T
ITU K.20/21/45 – 1.5kV 10/700µs
ITU K.20/21/45 – 230VAC, 10Ω
TCF250-145T
ITU K.20/21/45 – 4.0kV 10/700µs†
ITU K.20/21/45 – 0.2A2s
TCF250-180
GR-1089 Port Types 2 & 4 – 1st Level
ITU K.20/21/45 – 1A2s†
ITU K.20/21/45 – 10A2s†
GR-1089 Port Type 4 – 120VAC, 25Asc
* Applies to all products which share the same prefix.
† Tested with 230V gas discharge tube primary protector.
Application
Region/
Specification
Form Factor
Radial-leaded
Surface-mount
Chip
Overcurrent Protection
*
This list is not exhaustive. Tyco Electronics welcomes our customers’ input for additional application ideas for PolySwitch resettable devices.
†
For improved line balance in these applications, resistance-matched parts are recommended.
‡
May require additional impedance or coordination with primary protector.
** FT600-1250 are surface mount telecom fuse devices. FT600-0500 and FT600-2000 reference also available. See telecom fuses section.
†† For details on decaSMDC050F/60-2, see surface-mount devices section.
‡‡ For details on BBRF series, see radial-leaded devices section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com