Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF120 Datasheet(PDF) 18 Page - Tyco Electronics

Part # RUSBF120
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF120 Datasheet(HTML) 18 Page - Tyco Electronics

Back Button RUSBF120 Datasheet HTML 14Page - Tyco Electronics RUSBF120 Datasheet HTML 15Page - Tyco Electronics RUSBF120 Datasheet HTML 16Page - Tyco Electronics RUSBF120 Datasheet HTML 17Page - Tyco Electronics RUSBF120 Datasheet HTML 18Page - Tyco Electronics RUSBF120 Datasheet HTML 19Page - Tyco Electronics RUSBF120 Datasheet HTML 20Page - Tyco Electronics RUSBF120 Datasheet HTML 21Page - Tyco Electronics RUSBF120 Datasheet HTML 22Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Table R5 - Physical Characteristics and Environmental Specifications for Radial-leaded Devices
UL
File # E74889
CSA
File # CA78165C
TÜV
Certificate number available on request (per IEC 60730-1).
Agency Recognitions for Radial-leaded Devices
Table R6 - Packaging and Marking Information for Radial-leaded Devices
Cont'd
...
Part Number
Bag Quantity
Tape & Reel Quantity
Ammo Pack Quantity
Standard Pack Quantity
Part Marking
Agency Recognition
LVR 240VAC /LVRL 120VAC
LVR005K
500
—
—
10,000
L005
UL,CSA, TÜV
LVR005K-2
—
2,000
—
10,000
L005
UL,CSA, TÜV
LVR005S
500
—
—
10,000
L005
UL,CSA, TÜV
LVR005S-2
—
2,000
—
10,000
L005
UL,CSA, TÜV
LVR008K
500
—
—
10,000
L008
UL,CSA, TÜV
LVR008K-2
—
2,000
—
10,000
L008
UL,CSA, TÜV
LVR008S
500
—
—
10,000
L008
UL,CSA, TÜV
LVR008S-2
—
2,000
—
10,000
L008
UL,CSA, TÜV
LVR012K
500
—
—
10,000
L012
UL,CSA, TÜV
LVR012K-2
—
2,000
—
10,000
L012
UL,CSA, TÜV
LVR012S
500
—
—
10,000
L012
UL,CSA, TÜV
LVR012S-2
—
2,000
—
10,000
L012
UL,CSA, TÜV
LVR016K
500
—
—
10,000
L016
UL,CSA, TÜV
LVR016K-2
—
2,000
—
10,000
L016
UL,CSA, TÜV
LVR016S
500
—
—
10,000
L016
UL,CSA, TÜV
LVR016S-2
—
2,000
—
10,000
L016
UL,CSA, TÜV
LVR025K
500
—
—
10,000
L025
UL,CSA, TÜV
LVR025K-2
—
2,000
—
10,000
L025
UL,CSA, TÜV
LVR025S
500
—
—
10,000
L025
UL,CSA, TÜV
LVR025S-2
—
2,000
—
10,000
L025
UL,CSA, TÜV
RGEF
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
-40°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal Shock
85°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
RHEF
Physical Characteristics
Lead material
RHEF050 to RHEF200: Tin-plated copper clad steel, 0.205mm2 (24AWG), ø0.51mm/0.020in.
RHEF300 to RHEF1100: Tin-plated copper, 0.52mm2 (20AWG), ø0.81mm/0.032in.
RHEF1300 to RHEF1500: Tin-plated copper, 0.82mm2 (18AWG), ø1.0mm/0.04in.
Soldering characteristics
Solderability pre ANSI/J-STD-002 Category 3
Solder heat withstand
per IEC 68-2-20, Test Tb, Method 1a, condition b; can withstand 10 seconds at 260°C ±5°C
Insulting material
Cured, flame-retardant epoxy polymer; meets UL 94V-0
Devices are not designed to be placed through a reflow process.
RHEF
Environmental Specifications
Test
Conditions
Resistance Change
Passive aging
70°C, 1000 hours
±5%
85°C, 1000 hours
±5%
Humidity aging
85°C, 85%RH, 1000 hours
±5%
Thermal Shock
125°C, -40°C (10 times)
±5%
Solvent resistance
MIL-STD-202, Method 215F
No change
Devices are not designed to be placed through a reflow process.
Notes:
Storage conditions: 40°Cmax., 70% RH max.; devices should remain in original sealed bags prior to use. Devices may not meet specificed values
if these storage conditions are exceeded.
For the TR devices series, see the Telecommunications and Networking section.
127
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com