Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF120 Datasheet(PDF) 26 Page - Tyco Electronics

Part # RUSBF120
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF120 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button RUSBF120 Datasheet HTML 19Page - Tyco Electronics RUSBF120 Datasheet HTML 20Page - Tyco Electronics RUSBF120 Datasheet HTML 21Page - Tyco Electronics RUSBF120 Datasheet HTML 22Page - Tyco Electronics RUSBF120 Datasheet HTML 23Page - Tyco Electronics RUSBF120 Datasheet HTML 24Page - Tyco Electronics RUSBF120 Datasheet HTML 25Page - Tyco Electronics RUSBF120 Datasheet HTML 26Page - Tyco Electronics RUSBF120 Datasheet HTML 27Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
135
13
Figure R25 - EIA Referenced Reel Dimensions for Radial-leaded Devices
RUEF
250
U
Blank = Packaged in bags
-1 = 25.4mm (1.0 inch) minimum lead length
-2 = Tape and reel
-AP = Ammo pack
-X.X = Special lead cut length (inch)
Modifier
K = Standard kinked lead
B = Special kinked lead
S = Straight lead
U = Uncoated device
Hold current indicator
Product series - An "F" at the end of product series
indicates Pb-free version of product.
2
Part Numbering System for Radial-leaded Devices
n
c
Cross section
Optional shape: Circular or polygonal
Reel
Upper side
Lower side
a
w2
w1
Tape
Direction
of
unreeling
WARNING: Application Limitations for the LVR Product Line
1)
Users should independently evaluate the suitability of and test each product selected for their own application.
2)
This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current can
be exceeded in a fault condition. Operation beyond the maximum ratings or improper use may result in device damage and
possible electrical arcing and flame.
3)
A PTC device is not a fuse - it is a nonlinear thermistor that limits current. Because under a fault condition all PTC devices
go into a high resistance state but not open circuit, hazardous voltage may be present at PTC locations.
4)
The devices are intended for protection against occasional overcurrent or overtemperature fault conditions and should not
be used when repeated fault conditions or prolonged trip events are anticipated.
5)
In most applications, power must be removed and the fault condition cleared in order to reset a PTC device. However, under
certain unusual conditions, a PTC device may automatically reset. Accordingly, PTC devices should not be used in an
application where an automatic reset could create a safety hazard, such as garbage disposals and blenders.
6)
It is the responsibility of the user to determine the need for back up or fail safe protection to prevent damage that may occur
in the event of abnormal function or failure of the PTC device.
7)
Operation in circuits with a large inductance can generate a circuit voltage (Ldi/dt) above the rated voltage of a PTC device.
8)
Devices are not recommended for reflow soldering.
9)
Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic,
thermal, or mechanical procedures for electronic components.
10) PTC devices are not recommended to be installed in applications where the device is constrained such that its PTC properties
are inhibited, for example in rigid potting materials or in rigid housings, which lack adequate clearance to accommodate device
expansion.
11) Contamination of the PTC material with certain silicone-based oils or some aggressive solvents can adversely impact the
performance of the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com