Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF110-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # RUSBF110-2
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF110-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button RUSBF110-2 Datasheet HTML 5Page - Tyco Electronics RUSBF110-2 Datasheet HTML 6Page - Tyco Electronics RUSBF110-2 Datasheet HTML 7Page - Tyco Electronics RUSBF110-2 Datasheet HTML 8Page - Tyco Electronics RUSBF110-2 Datasheet HTML 9Page - Tyco Electronics RUSBF110-2 Datasheet HTML 10Page - Tyco Electronics RUSBF110-2 Datasheet HTML 11Page - Tyco Electronics RUSBF110-2 Datasheet HTML 12Page - Tyco Electronics RUSBF110-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
119
RoHS Compliant, ELV Compliant
10
RHEF*
16V - High Temperature
RHEF200
2.0
3.8
16
100
1.4
10.0
4.3
0.0450
0.07400
0.1100
[0.205mm2 (24)]
RHEF300
3.0
6.0
16
100
3.0
15.0
5.0
0.0330
0.05300
0.0790
[0.520mm2 (20)]
RHEF400
4.0
7.5
16
100
3.3
20.0
5.0
0.0240
0.04000
0.0600
[0.520mm2 (20)]
RHEF450
4.5
7.8
16
100
3.6
22.5
3.0
0.0220
0.03600
0.0540
[0.520mm2 (20)]
RHEF550
5.5
10.0
16
100
3.5
27.5
6.0
0.0150
0.02500
0.0370
[0.520mm2 (20)]
RHEF600
6.0
10.8
16
100
4.1
30.0
5.0
0.0130
0.02150
0.0320
[0.520mm2 (20)]
RHEF650
6.5
12.0
16
100
4.1
32.5
5.5
0.0110
0.01750
0.0260
[0.520mm2 (20)]
RHEF700
7.0
13.0
16
100
4.0
35.0
7.0
0.0100
0.01640
0.0250
[0.520mm2 (20)]
RHEF750
7.5
13.1
16
100
4.5
37.5
7.0
0.0094
0.01530
0.0220
[0.520mm2 (20)]
RHEF800
8.0
15.0
16
100
4.2
40.0
8.0
0.0080
0.01350
0.0200
[0.520mm2 (20)]
RHEF900
9.0
16.5
16
100
5.0
45.0
10.0
0.0074
0.01200
0.0170
[0.520mm2 (20)]
RHEF1000
10.0
18.5
16
100
5.3
50.0
9.0
0.0062
0.01050
0.0150
[0.520mm2 (20)]
RHEF1100
11.0
20.0
16
100
5.5
55.0
11.0
0.0055
0.00900
0.0130
[0.520mm2 (20)]
RHEF1300
13.0
24.0
16
100
6.9
65.0
13.0
0.0041
0.00690
0.0100
[0.823mm2 (18)]
RHEF1400
14.0
27.0
16
100
6.9
70.0
13.0
0.0030
0.00600
0.0090
[0.823mm2 (18)]
RHEF1500
15.0
28.0
16
100
7.0
75.0
20.0
0.0032
0.00613
0.0092
[0.823mm2 (18)]
RUSBF
6V
RUSBF075
0.75
1.30
6
40
0.3
8.0
0.4
0.110
0.1750
0.23
[0.205mm2 (24)]
RUSBF120
1.20
2.00
6
40
0.6
8.0
0.5
0.070
0.0975
0.14
[0.205mm2 (24)]
RUSBF155
1.55
2.65
6
40
0.6
7.8
2.2
0.040
0.0705
0.10
[0.205mm2 (24)]
Part
Number
I
H
(A)
I
T
(A)
V
MAX
(V)
I
MAX
(A)
P
D Typ
(W)
R
MIN
(
Ω)
R
1MAX
(
Ω)
Lead Size
[mm2 (AWG)]
R
MAX
(
Ω)
Max. Time-to-trip
(A)
(s)
Notes:
I
H
: Hold current: maximum current device will pass without interruption in 20°C still air.
I
T
: Trip current: minimum current that will switch the device from low resistance to high resistance in 20°C still air.
V
MAX
: Maximum continuous voltage device can withstand without damage at rated current.
I
MAX
: Maximum fault current device can withstand without damage at rated voltage.
P
D
: Power dissipated from device when in the tripped state in 20°C still air.
R
MIN
: Minimum resistance of device as supplied at 20°C unless otherwise specified.
R
MAX
: Maximum resistance of device as supplied at 20°C unless otherwise specified.
R
1MAX : Maximum resistance of device when measured one hour post reflow (surface-mount device) or one hour post trip (radial-leaded device) at 20°C unless otherwise specified.
* Electrical characteristics determined at 25°C.
A
B
D
C
C to
L
C
L
C
L C
L
E
F
Figure R6
A
B
D
C
C to
L
C
L
C
L C
L
E
F
Figure R7
A
B
D
CF
C to
L
C
L
C
L C
L
E
Figure R8
A
B
D
C
C to
L
C
L
C
L C
L
F
E
Figure R9
A
B
D
C
C to
L
C
L
C
L C
L
E
F
Figure R10
B
D
CF
C to
L
C
L
C
L C
L
A
E
Figure R11
Table R3 Electrical Characteristics for Radial-leaded Devices
Cont’d
Figure R6-R14 Dimension Figures for Radial-leaded Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com