Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSBF110-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RUSBF110-2
Description  PolySwitch Resettable Devices Radial-leaded Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF110-2 Datasheet(HTML) 4 Page - Tyco Electronics

  RUSBF110-2 Datasheet HTML 1Page - Tyco Electronics RUSBF110-2 Datasheet HTML 2Page - Tyco Electronics RUSBF110-2 Datasheet HTML 3Page - Tyco Electronics RUSBF110-2 Datasheet HTML 4Page - Tyco Electronics RUSBF110-2 Datasheet HTML 5Page - Tyco Electronics RUSBF110-2 Datasheet HTML 6Page - Tyco Electronics RUSBF110-2 Datasheet HTML 7Page - Tyco Electronics RUSBF110-2 Datasheet HTML 8Page - Tyco Electronics RUSBF110-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
114
RoHS Compliant, ELV Compliant
10
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
RKEF
60V
RKEF050
0.73
0.65
0.58
0.50
0.48
0.42
0.38
0.34
0.31
0.26
—
RKEF065
0.94
0.85
0.75
0.65
0.63
0.54
0.50
0.44
0.40
0.34
—
RKEF075
1.09
0.98
0.86
0.75
0.73
0.62
0.58
0.51
0.46
0.39
—
RKEF090
1.30
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
—
RKEF110
1.60
1.43
1.27
1.10
1.06
0.92
0.85
0.75
0.67
0.57
—
RKEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.83
0.71
—
RKEF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.08
0.98
0.83
—
RKEF185
2.68
2.41
2.13
1.85
1.79
1.54
1.43
1.26
1.13
0.96
—
RKEF250
3.63
3.25
2.88
2.50
2.43
2.08
1.93
1.70
1.52
1.31
—
RKEF300
4.35
3.90
3.45
3.00
2.91
2.50
2.30
2.04
1.84
1.55
—
RKEF375
5.44
4.88
4.31
3.75
3.64
3.11
2.90
2.54
2.29
1.94
—
RKEF400
5.80
5.20
4.60
4.00
3.88
3.32
3.08
2.73
2.45
2.08
—
RKEF500
7.25
6.50
5.75
5.00
4.85
4.15
3.85
3.41
3.06
2.59
—
RTEF
33V
RTEF120
1.74
1.56
1.38
1.20
1.16
1.00
0.92
0.82
0.73
0.60
—
RTEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.68
—
RTEF190
2.76
2.47
2.19
1.90
1.84
1.58
1.50
1.29
1.16
0.95
—
RUEF
30V
RUEF090
1.31
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
—
RUEF110
1.60
1.43
1.27
1.10
1.07
0.91
0.85
0.75
0.67
0.57
—
RUEF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.70
—
RUEF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.09
0.98
0.83
—
RUEF185
2.68
2.41
2.13
1.85
1.79
1.54
1.42
1.26
1.13
0.96
—
RUEF250
3.63
3.25
2.88
2.50
2.43
2.08
1.93
1.70
1.53
1.30
—
RUEF300
4.35
3.90
3.45
3.00
2.91
2.49
2.31
2.04
1.83
1.56
—
RUEF400
5.80
5.20
4.60
4.00
3.88
3.32
3.08
2.72
2.44
2.08
—
RUEF500
7.25
6.50
5.75
5.00
4.85
4.15
3.85
3.40
3.05
2.60
—
RUEF600
8.70
7.80
6.90
6.00
5.82
4.98
4.62
4.08
3.66
3.12
—
RUEF700
10.15
9.10
8.05
7.00
6.79
5.81
5.39
4.76
4.27
3.64
—
RUEF800
11.60
10.40
9.20
8.00
7.76
6.64
6.16
5.44
4.88
4.16
—
RUEF900
13.05
11.70
10.35
9.00
8.73
7.47
6.93
6.12
5.49
4.68
—
RHEF
30V - High Temperature
RHEF050
0.68
0.62
0.56
0.51
0.50
0.44
0.40
0.36
0.34
0.28
0.12
RHEF070
0.95
0.87
0.79
0.72
0.70
0.62
0.56
0.51
0.47
0.39
0.17
RHEF100
1.36
1.24
1.13
1.03
1.00
0.89
0.80
0.73
0.67
0.56
0.24
RUSBF
16V
RUSBF090
1.31
1.17
1.04
0.90
0.87
0.75
0.69
0.61
0.55
0.47
—
RUSBF110
1.60
1.43
1.27
1.10
1.07
1.00
0.92
0.75
0.67
0.57
—
RUSBF135
1.96
1.76
1.55
1.35
1.31
1.12
1.04
0.92
0.82
0.70
—
RUSBF160
2.32
2.08
1.84
1.60
1.55
1.33
1.23
1.09
0.98
0.83
—
RUSBF185
2.68
2.41
2.13
1.85
1.79
1.54
1.42
1.26
1.13
0.96
—
RUSBF250
3.63
3.25
2.88
2.50
2.43
2.08
1.93
1.70
1.53
1.30
—
RGEF
16V
RGEF250
3.7
3.3
3.0
2.6
2.50
2.2
2.0
1.8
1.6
1.2
—
RGEF300
4.4
4.0
3.6
3.1
3.00
2.6
2.4
2.1
1.9
1.4
—
RGEF400
5.9
5.3
4.8
4.1
4.00
3.5
3.2
2.8
2.5
1.9
—
RGEF500
7.3
6.6
6.0
5.2
5.00
4.4
4.0
3.6
3.1
2.4
—
RGEF600
8.8
8.0
7.2
6.2
6.00
5.2
4.8
4.2
3.8
2.8
—
RGEF700
10.3
9.3
8.4
7.3
7.00
6.2
5.6
5.0
4.4
3.3
—
Table R2
Thermal Derating for Radial-leaded Devices
[Hold Current (A) at Ambient Temperature (°C)]
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com