Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR170F Datasheet(PDF) 7 Page - Tyco Electronics

Part # VLR170F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR170F Datasheet(HTML) 7 Page - Tyco Electronics

Back Button VLR170F Datasheet HTML 3Page - Tyco Electronics VLR170F Datasheet HTML 4Page - Tyco Electronics VLR170F Datasheet HTML 5Page - Tyco Electronics VLR170F Datasheet HTML 6Page - Tyco Electronics VLR170F Datasheet HTML 7Page - Tyco Electronics VLR170F Datasheet HTML 8Page - Tyco Electronics VLR170F Datasheet HTML 9Page - Tyco Electronics VLR170F Datasheet HTML 10Page - Tyco Electronics VLR170F Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
RADIAL-LEADED DEVICES FOR ELECTRONICS APPLICA TIONS
4
16V High Temperature
ELV Compliant, RoHS Compliant
16V High Temperature
ELV Compliant, RoHS Compliant
Dimensions (millimeters/
inches)
Part
IH*
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RHEF 30V
RHEF050
0.5
0.92
30
40
1.1
UL, TÜV, CSA
7.4
(0.29)
12.7
(0.50)
5.08
(0.20)
11
RHEF070
0.7
1.4
30
40
0.8
UL, TÜV, CSA
6.9
(0.27)
10.8
(0.43)
5.08
(0.20)
12
RHEF100
1.0
1.8
30
40
0.43
UL, TÜV, CSA
9.7
(0.38)
13.6
(0.54)
5.08
(0.20)
11
RHEF 16V
RHEF200
2.0
3.8
16
100
0.110
UL, TÜV, CSA
9.40
(0.37)
14.4
(0.57)
5.08
(0.20)
11
RHEF400
4.0
7.0
16
100
0.044
UL, TÜV, CSA
11.40
(0.45)
18.0
(0.71)
5.08
(0.20)
13
RHEF450
4.5
7.8
16
100
0.054
UL, TÜV, CSA
10.40
(0.41)
15.6
(0.61)
5.08
(0.20)
13
RHEF600
6.0
10.8
16
100
0.032
UL, TÜV, CSA
11.20
(0.44)
21.0
(0.83)
5.08
(0.20)
13
RHEF650
6.5
12.0
16
100
0.026
UL, TÜV, CSA
12.70
(0.50)
22.2
(0.88)
5.08
(0.20)
13
RHEF750
7.5
13.1
16
100
0.022
UL, TÜV, CSA
14.00
(0.55)
23.5
(0.93)
5.08
(0.20)
13
RHEF900
9.0
16.5
16
100
0.017
UL, TÜV, CSA
16.50
(0.65)
25.7
(1.01)
5.08
(0.20)
13
RHEF1000
10.0
18.5
16
100
0.015
UL, TÜV, CSA
17.50
(0.69)
26.5
(1.04)
10.90
(0.43)
13
RHEF1300
13.0
24.0
16
100
0.010
UL, TÜV, CSA
23.50
(0.925)
28.7
(1.13)
10.90
(0.43)
13
RHEF1500
15.0
28.0
16
100
0.0092
UL, TÜV, CSA
23.50
(0.925)
28.7
(1.13)
10.90
(0.43)
13
* Hold current @ 25°C.
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
Dimensions (millimeters/
inches)
Part
IH*
IT
V max.
I max.**
R1max.
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(nom.)
Fig.
RGEF250
2.5
4.7
16
100
0.0530
UL, TÜV, CSA
8.9
(0.35)
12.8
(0.50)
5.08
(0.20)
14
RGEF300
3.0
5.1
16
100
0.0980
UL, TÜV, CSA
7.1
(0.28)
11.0
(0.43)
5.08
(0.20)
15
RGEF400
4.0
6.8
16
100
0.0600
UL, TÜV, CSA
8.9
(0.35)
12.8
(0.50)
5.08
(0.20)
15
RGEF500
5.0
8.5
16
100
0.0340
UL, TÜV, CSA
10.4
(0.41)
14.3
(0.56)
5.08
(0.20)
15
RGEF600
6.0
10.2
16
100
0.0280
UL, TÜV, CSA
10.7
(0.42)
17.1
(0.67)
5.08
(0.20)
15
RGEF700
7.0
11.9
16
100
0.0220
UL, TÜV, CSA
11.2
(0.44)
19.7
(0.78)
5.08
(0.20)
15
RGEF800
8.0
13.6
16
100
0.0175
UL, TÜV, CSA
12.7
(0.50)
20.9
(0.82)
5.08
(0.20)
15
RGEF900
9.0
15.3
16
100
0.0135
UL, TÜV, CSA
14.0
(0.55)
21.7
(0.85)
5.08
(0.20)
15
RGEF1000
10.0
17.0
16
100
0.0102
UL, TÜV, CSA
16.5
(0.65)
25.2
(0.99)
5.08
(0.20)
15
RGEF1100
11.0
18.7
16
100
0.0089
UL, TÜV, CSA
17.5
(0.69)
26.0
(1.02)
5.08
(0.20)
15
RGEF1200
12.0
20.4
16
100
0.0086
UL, TÜV, CSA
17.5
(0.69)
28.0
(1.10)
10.90
(0.43)
15
RGEF1400
14.0
23.8
16
100
0.0064
UL, TÜV, CSA
23.5
(0.92)
27.9
(1.10)
10.90
(0.43)
15
* Hold current @ 25°C.
** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated.
New
New
New
New
Figure 13
A
B
C
Lead size
RHEF400-1000
Ø 0.81
(0.032)
20 AWG
RHEF1300,
RHEF1500
Ø 1.0
(0.04)
18 AWG
Figure 11
A
B
C
Lead size
RHEF050, 100, 200
Ø 0.51
(0.020)
24 AWG
Lead size
RGEF250
Ø 0.51
(0.020)
24 AWG
Figure 14
A
B
C
Figure 15
A
B
C
Lead size
RGEF300-RGE1100
Ø 0.81
(0.032)
20 AWG
RGEF1200-RGE1400
Ø 1.0
(0.04)
18 AWG
The RHEF series devices offer a high operating tem-
perature (up to 125C) and the broadest range of hold
currents available in the radial-leaded form factor
(70mA to 15A). The RHEF series devices can also be
advantageous for use in standard operating tempera-
tures of up to 85C because they have a flatter thermal
derating curve than other radial-leaded devices. Over
the same temperature range, the trip-to-hold ratio is
lower for an RHEF device compared with other PPTC
devices.
The RGEF series devices are rated for 16V and have
hold current ranges of 2.5A to 14A. These parts are
smaller and trip faster than the RUEF devices with the
same hold currents. In addition, they have tight trip-to-
hold ratios. If the application requires 16V rather than
30V and there are limitations on space, the RGEF
devices can be the preferred choice. Like the RXEF
and RUEF series devices, the RGEF devices are
used in many markets including computer/multimedia,
industrial equipment and controls, consumer and
general electronics, as well as motor protection.
Lead size
RHEF070
Ø 0.51
(0.020)
24 AWG
Figure 12
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com