Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR170F Datasheet(PDF) 10 Page - Tyco Electronics

Part # VLR170F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR170F Datasheet(HTML) 10 Page - Tyco Electronics

Back Button VLR170F Datasheet HTML 6Page - Tyco Electronics VLR170F Datasheet HTML 7Page - Tyco Electronics VLR170F Datasheet HTML 8Page - Tyco Electronics VLR170F Datasheet HTML 9Page - Tyco Electronics VLR170F Datasheet HTML 10Page - Tyco Electronics VLR170F Datasheet HTML 11Page - Tyco Electronics VLR170F Datasheet HTML 12Page - Tyco Electronics VLR170F Datasheet HTML 13Page - Tyco Electronics VLR170F Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TELECOM AND BROADBAND PRODUCTS
7
TR600
Figure 6
A
C
B
E
φ 0.65mm
D
TS250
Figure 3
Figure 4
Figure 5
C
top view
D
A
B
side view
C
E
D
A
B
C
E
D
A
B
New
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TS250-130
0.130
0.260
60
250 (650)
3.0
6.5
12.0
20.0
UL, TÜV, CSA
3
TS250-130-RA
0.130
0.260
60
250 (650)
3.0
6.5
9.0
15.0
UL, TÜV, CSA
3
TS250-130-RB
0.130
0.260
60
250 (650)
3.0
9.0
12.0
20.0
UL, TÜV, CSA
3
TS250-130-RC
0.130
0.260
60
250 (650)
3.0
7.0
10.0
17.0
UL, TÜV, CSA
3
TS250-130F
0.130
0.260
60
250 (650)
3.0
6.5
12.0
20.0
UL, TÜV, CSA
3
TS250-130F-RA
0.130
0.260
60
250 (650)
3.0
6.5
9.0
15.0
UL, TÜV, CSA
3
TS250-130F-RB
0.130
0.260
60
250 (650)
3.0
9.0
12.0
20.0
UL, TÜV, CSA
3
TS250-130F-RC
0.130
0.260
60
250 (650)
3.0
7.0
10.0
17.0
UL, TÜV, CSA
3
TSL250-080
0.080
0.160
80
250
3.0
5.0
11.0
20.0
UL, TÜV, CSA
4
TSL250-080F
0.080
0.160
80
250
3.0
5.0
11.0
20.0
UL, TÜV, CSA
4
TSV250-130
0.130
0.260
60
250
3.0
4.0
7.0
12.0
UL, TÜV, CSA
5
TSV250-130F
0.130
0.260
60
250
3.0
4.0
7.0
12.0
UL, TÜV, CSA
5
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details.
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TRF600-150*
0.150
0.300
250
600
3.0
6.0
10.0
17.0
Pending
6
TRF600-150-RB*
0.130
0.260
250
600
3.0
9.0
12.0
20.0
UL, CSA
6
TR600-160
0.160
0.320
250
600
3.0
4.0
10.0
18.0
UL, CSA
6
TR600-160-RA
0.160
0.320
250
600
3.0
4.0
7.0
16.0
UL, CSA
6
TR600-160-R1
0.160
0.320
250
600
3.0
4.0
8.0
17.0
UL, CSA
6
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details.
* These parts are RoHS compliant. TRF600-150 replaces TR600-150 and TR600-150-RA devices in new designs. TRF600-150-RB replaces TR600-150-RB devices in new designs.
Dimensions (millimeters/
inches)
Part
ABCD
number
(max.)
(max.)
(max.)
(typ.)
Fig.
TS250-130
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130-RA
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130-RB
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130-RC
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F-RA
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F-RB
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F-RC
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
Dimensions (millimeters/
inches)
Part
ABCDE
number
(max.)
(max.)
(max.)
(max.)
(max.)
Fig.
TSL250-080
7.9
(0.310)
3.7
(0.145)
5.3
(0.210)
0.4
(0.015)
3.1
(0.120)
4
TSL250-080F
7.9
(0.310)
3.7
(0.145)
5.3
(0.210)
0.4
(0.015)
3.1
(0.120)
4
TSV250-130
6.1
(0.240)
6.9
(0.270)
3.0
(0.126)
1.9
(0.075)
2.3
(0.091)
5
TSV250-130F
6.1
(0.240)
6.9
(0.270)
3.0
(0.126)
1.9
(0.075)
2.3
(0.091)
5
Dimensions (millimeters/
inches)
Part
ABCDE
number
(max.)
(max.)
(max.)
(min.)
(max.)
Fig.
TRF600-150*
9.0
(0.354)
12.5 (0.492)
4.6
(0.180)
4.7
(0.185)
5.0
(0.197)
6
TR600-160
16.0
(0.630)
12.6 (0.496)
6.0
(0.236)
4.7
(0.185)
5.0
(0.197)
6
* This part is RoHS compliant and replaces TR600-150 and TR600-150-RA devices in new designs.
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com