Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLR170F Datasheet(PDF) 15 Page - Tyco Electronics

Part # VLR170F
Description  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VLR170F Datasheet(HTML) 15 Page - Tyco Electronics

Back Button VLR170F Datasheet HTML 10Page - Tyco Electronics VLR170F Datasheet HTML 11Page - Tyco Electronics VLR170F Datasheet HTML 12Page - Tyco Electronics VLR170F Datasheet HTML 13Page - Tyco Electronics VLR170F Datasheet HTML 14Page - Tyco Electronics VLR170F Datasheet HTML 15Page - Tyco Electronics VLR170F Datasheet HTML 16Page - Tyco Electronics VLR170F Datasheet HTML 17Page - Tyco Electronics VLR170F Datasheet HTML 18Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
12
DEVICES FOR BA TTERY P ACK APPLICA TIONS
12
LTP, miniSMDE: 110˚C Typical Activation
ELV Compliant, RoHS Compliant
Top View
Side View
Figure 12
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Figure 13
A
B
C
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Figure 14
Figure 15
B
C
E
D
A
E
D
LTP devices help provide reliable,
noncycling protection for recharge-
able batteries. LTP devices also
help provide additional protection
at elevated temperatures.
Top View
Side View
Top View
Side View
Top View
Side View
Dimensions (millimeters/
inches)
Part
IH
IT
V max.
I max.
R max. initial
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(max.)
Fig.
LTP
LTP070
0.7
1.45
15
100
0.200
UL, TÜV, CSA
22.1
(0.87)
5.2
(0.20)
1.2
(0.048)
12
LTP070SF
0.7
1.45
15
100
0.200
UL, TÜV, CSA
22.1
(0.87)
5.2
(0.20)
1.2
(0.048)
13
LTP100F
1.0
2.5
24
100
0.130
UL, TÜV, CSA
23.1
(0.91)
5.2
(0.20)
1.0
(0.04)
12
LTP100SF
1.0
2.5
24
100
0.130
UL, TÜV, CSA
23.1
(0.91)
5.2
(0.20)
1.0
(0.04)
13
LTP100SL
1.0
2.5
24
100
0.130
UL, TÜV, CSA
32.0
(1.26)
5.2
(0.20)
1.0
(0.04)
13
LTP100SS
1.0
2.5
24
100
0.130
UL, TÜV, CSA
23.1
(0.91)
5.2
(0.20)
1.0
(0.04)
14
LTP180F
1.8
3.8
24
100
0.068
UL, TÜV, CSA
26.0
(1.02)
5.2
(0.20)
1.0
(0.04)
12
LTP180LF
1.8
3.8
24
100
0.068
UL, TÜV, CSA
37.5
(1.48)
5.2
(0.20)
1.0
(0.04)
12
LTP180S
1.8
3.8
24
100
0.068
UL, TÜV, CSA
26.0
(1.02)
5.2
(0.20)
1.0
(0.04)
13
LTP190F
1.9
4.2
24
100
0.057
UL, TÜV, CSA
23.4
(0.92)
11.0
(0.43)
1.1
(0.04)
12
LTP260
2.6
5.2
24
100
0.042
UL, TÜV, CSA
26.0
(1.02)
11.9
(0.47)
1.0
(0.04)
12
LTP300F
3.0
6.3
24
100
0.031
UL, TÜV, CSA
31.8
(1.25)
13.5
(0.53)
1.1
(0.04)
12
LTP340
3.4
6.8
24
100
0.027
UL, TÜV, CSA
26.0
(1.02)
15.9
(0.63)
1.0
(0.04)
12
miniSMDE
miniSMDE190F
1.9
3.8
16
100
0.040
UL, TÜV, CSA
11.51
(0.453)
0.53
(0.021)
5.33
(0.21)
15
Please contact Raychem Circuit Protection for RoHS compliant version.
VTP: 90˚C Typical Activation
ELV Compliant, RoHS Compliant
The conductive polymer composite in
the VTP battery overcurrent protection
devices helps provide increased safety
with extended battery run time. These
devices reach a high-resistance state
at lower temperatures in NiMH and
rechargeable lithium temperature-
sensitive chemistries.
Top View
Side View
Top View
Side View
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Figure 8
Figure 9
A
B
C
Top View
Side View
A
B
C
Slit: 0.5 mm x 4.0 mm nom.
.02 in x .16 in
Figure 10
B
C
A
Figure 11
Top View
Side View
Dimensions (millimeters/
inches)
Part
IH*
IT
V max.
I max.
R max. initial
Agency
A
B
C
number
(A)
(A)
(Vdc)
(A)
(
Ω)
recognition
(max.)
(max.)
(max.)
Fig.
VTP110F
1.1
2.7
16
100
0.070
UL, TÜV, CSA
25.6
(1.007)
2.9
(0.114)
0.7
(0.028)
11
VTP170F
1.7
3.4
16
100
0.052
UL, TÜV, CSA
17.5
(0.689)
7.4
(0.292)
0.8
(0.03)
6
VTP170X
1.7
3.4
16
100
0.052
UL, TÜV, CSA
22.9
(0.90)
5.3
(0.21)
0.8
(0.03)
8
VTP170XSF
1.7
3.4
16
100
0.052
UL, TÜV, CSA
22.9
(0.90)
5.3
(0.21)
0.8
(0.03)
9
VTP175LF
1.75
3.6
16
100
0.051
UL, TÜV, CSA
28.0
(1.10)
3.9
(0.15)
0.8
(0.03)
8
VTP175UF
1.75
3.6
16
100
0.051
UL, TÜV, CSA
23.2
(0.91)
3.7
(0.15)
0.7
(0.03)
11
VTP200GF
2.0
4.7
16
100
0.039
UL, TÜV, CSA
23.1
(0.91)
4.5
(0.18)
0.8
(0.03)
8
VTP200U
2.0
4.7
16
100
0.039
UL, TÜV, CSA
23.1
(0.91)
4.3
(0.17)
0.7
(0.03)
11
VTP210GF
2.1
4.7
16
100
0.030
UL, TÜV, CSA
23.1
(0.91)
5.3
(0.21)
0.8
(0.03)
8
VTP210LF
2.1
4.7
16
100
0.030
UL, TÜV, CSA
26.0
(1.02)
5.3
(0.21)
0.8
(0.03)
8
VTP210SF
2.1
4.7
16
100
0.030
UL, TÜV, CSA
23.1
(0.91)
5.3
(0.21)
0.8
(0.03)
9
VTP210SLF
2.1
4.7
16
100
0.030
UL, TÜV, CSA
32.0
(1.26)
5.3
(0.21)
0.8
(0.03)
9
VTP210SL-19.2/5.8
2.1
4.7
16
100
0.030
UL, TÜV, CSA
37.0
(1.46)
5.3
(0.21)
0.8
(0.03)
9
VTP210SSF
2.1
4.7
16
100
0.030
UL, TÜV, CSA
23.1
(0.91)
5.3
(0.21)
0.8
(0.03)
10
VTP210ULD
2.1
4.7
16
100
0.030
UL, TÜV, CSA
25.2
(1.00)
5.1
(0.20)
0.8
(0.03)
11
VTP240F
2.4
5.9
16
100
0.026
UL, TÜV, CSA
26.2
(1.03)
5.3
(0.21)
0.8
(0.03)
8
* Hold current @ 25°C.
Please contact Raychem Circuit Protection for RoHS compliant version.
Figure 6
A
B
C
Top View
Side View
B
A
Top View
Side View
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com