Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXF103 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXF103
Description  VARIABLE Q FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF103 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXF103 Datasheet HTML 1Page - Zetex Semiconductors ZXF103 Datasheet HTML 2Page - Zetex Semiconductors ZXF103 Datasheet HTML 3Page - Zetex Semiconductors ZXF103 Datasheet HTML 4Page - Zetex Semiconductors ZXF103 Datasheet HTML 5Page - Zetex Semiconductors ZXF103 Datasheet HTML 6Page - Zetex Semiconductors ZXF103 Datasheet HTML 7Page - Zetex Semiconductors ZXF103 Datasheet HTML 8Page - Zetex Semiconductors ZXF103 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXF103
ISSUE 1 - APRIL 2002
2
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
7.0V (relative to 0V)
Operating temperature range
0 to 70°C
Storage temperature
-55 to 125°C
ELECTRICAL CHARACTERISTICS
Test Co
νditions: Temperature =25°C, VCC = 5.00V, 0V =0.00V,
RL=10k,CL=10pF
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typical
Max.
Units
Operating current
4.0
5.0
mA
Max. operating frequency
Vout=1.6V p-p
Vout=1.0V p-p
600
1000
kHz
Q usable range
0.5
50
Centre Frequency temperature
coefficient
Q=30,
fo = 1kHz
100
ppm/°C
Q temperature coefficient
Q=30,
fo = 1kHz
0.1
% /°C
Voltage noise
1 – 100 kHz
20
nV/
√ Hz
Input impedance
10
15
20
k
Ω
Linear Output Range
Output load
=10 kΩ
2
V pk-pk
Sink current
450
µA
Source current
450
µA
Pin
Name
Function
1
R2
Phase retard node
2
0V
0 Volts
3
RC2
Phase retard node
4
BIAS
Internal bias generator
5
RC1
Phase advance node
6
0V
0 Volts
7
C1
Phase advance node
8
FI1
Filter input mode dependent
9
FI2
Filter input, mode dependent
10
FO
Filter output for all modes
11
Vcc
+5 Volt supply
12
N/C
No connection
13
GP2
Loop gain node
14
GP3
Loop gain node
15
Vcc
+5 Volt supply
16
GP1
Loop gain node
11.78
11.79
11.80
11.81
11.82
Frequency (KHz)
Histogram of Centre Frequency
(Fo = 11.80KHz Q = 25)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com