Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXF103 Datasheet (PDF) - Zetex Semiconductors

ZXF103 Datasheet PDF - Zetex Semiconductors
Part # ZXF103
Download  ZXF103 Download
File Size   302.19 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description VARIABLE Q FILTER

ZXF103 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXF103 Datasheet PDF - Zetex Semiconductors

Part # ZXF103
Download  ZXF103 Click to download

File Size   302.19 Kbytes
Page   9 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description VARIABLE Q FILTER

ZXF103 Datasheet (HTML) - Zetex Semiconductors


ZXF103 Product details

DESCRIPTION
The ZXF103 is a versatile analog high Q bandpass filter. It can be configured to provide pass or notch characteristics. The basic filter section requires 2 resistors and 2 capacitors to set the centre frequency. The frequency range is up to 600kHz. Two external resistors control filter Q Factor. The Q can be varied up to 50.

FEATURES AND BENEFITS
• Centre Frequency up to 1MHz
• Variable Q up to 50
• Low distortion
• Low noise
• Low power 25mW
• Devices easily cascaded
• Small QSOP16 package

APPLICATIONS
Many filter applications including: -
• Sonar and Ultrasonic Systems
• Line frequency notch
• Signalling
• Motion detection
• Instrumentation
• Low frequency telemetry




Similar Part No. - ZXF103

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXF36L01 ZETEX-ZXF36L01 Datasheet
832Kb / 12P
VARIABLE Q FILTER
ZXF36L01W24 ZETEX-ZXF36L01W24 Datasheet
832Kb / 12P
VARIABLE Q FILTER
ZXF36L01W24TC ZETEX-ZXF36L01W24TC Datasheet
832Kb / 12P
VARIABLE Q FILTER
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
logo
Diodes Incorporated
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
More results


Similar Description - ZXF103

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXF36L01 ZETEX-ZXF36L01 Datasheet
832Kb / 12P
VARIABLE Q FILTER
ZXFV401 ZETEX-ZXFV401 Datasheet
117Kb / 8P
SYNC SEPARATOR WITH VARIABLE FILTER
ZXFV4583 ZETEX-ZXFV4583 Datasheet
212Kb / 14P
SYNC SEPARATOR WITH VARIABLE FILTER
logo
List of Unclassifed Man...
CEM3350 ETC2-CEM3350 Datasheet
224Kb / 2P
Dual Voltage Controlled State Variable Filter
logo
Diodes Incorporated
ZXFV4583 DIODES-ZXFV4583 Datasheet
217Kb / 14P
SYNC SEPARATOR WITH VARIABLE FILTER
NOVEMBER 2003
logo
New Jersey Semi-Conduct...
1N5461 NJSEMI-1N5461 Datasheet
88Kb / 1P
HIGH Q - VOLTAGE VARIABLE CAPACITORS
logo
JSC ALFA.
AS3350 ALFA-AS3350 Datasheet
287Kb / 2P
Dual Voltage Controlled State Variable Filter
logo
Schneider Electric
ATV61HC25Y SCHNEIDER-ATV61HC25Y Datasheet
101Kb / 5P
variable speed drive ATV61 - 250kW - 690V - without EMC filter
Aug 9, 2019
ATV61HC31Y SCHNEIDER-ATV61HC31Y Datasheet
101Kb / 5P
variable speed drive ATV61 - 310kW - 690V - without EMC filter
Aug 9, 2019
ATV71HC31Y SCHNEIDER-ATV71HC31Y Datasheet
240Kb / 14P
variable speed drive ATV71 - 315kW - 690V - EMC filter-graphic terminal
Aug 9, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com