Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFBF04 Datasheet (PDF) - Zetex Semiconductors

ZXFBF04 Datasheet PDF - Zetex Semiconductors
Part # ZXFBF04
Download  ZXFBF04 Download
File Size   258.11 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 4 Channel Buffer Device

ZXFBF04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXFBF04 Datasheet PDF - Zetex Semiconductors

Part # ZXFBF04
Download  ZXFBF04 Click to download

File Size   258.11 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 4 Channel Buffer Device

ZXFBF04 Datasheet (HTML) - Zetex Semiconductors


ZXFBF04 Product details

DEVICE DESCRIPTION
The ZXFBF04 is a low cost, high slew rate, quad buffer amplifier. Built using the Zetex CA700 technology, this buffer has a small signal bandwidth of greater than 100MHz and a 1 volt pk-pk bandwidth of greater than 20 MHz. Each channel draws only 1.9mA. The device operates from a ±5 volt supply, which makes it ideal in a majority of applications.

FEATURES AND BENEFITS
• 4 Buffers per package
• 100MHz bandwidth
• Low cost
• Low supply current (1.9mA per buffer)
• No thermal runaway
• 14 pin SOIC package

APPLICATIONS
• Video Switching Matrix input buffer
• Instrumentation
• Multi-channel A/D input buffer
• Multi-isolation buffer




Similar Part No. - ZXFBF04

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
ZXFBF04N14 DIODES-ZXFBF04N14 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
ZXFBF04N14TA DIODES-ZXFBF04N14TA Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
ZXFBF04N14TC DIODES-ZXFBF04N14TC Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
More results


Similar Description - ZXFBF04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Advanced Analog Technol...
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
V 0.1
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
4-Channel 800 Mbps LVDS Buffer/Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com