Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFBF05 Datasheet (PDF) - Zetex Semiconductors

ZXFBF05 Datasheet PDF - Zetex Semiconductors
Part # ZXFBF05
Download  ZXFBF05 Download
File Size   261.38 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 4 Channel Buffer Device with high capacitance load capability

ZXFBF05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXFBF05 Datasheet PDF - Zetex Semiconductors

Part # ZXFBF05
Download  ZXFBF05 Click to download

File Size   261.38 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 4 Channel Buffer Device with high capacitance load capability

ZXFBF05 Datasheet (HTML) - Zetex Semiconductors


ZXFBF05 Product details

DEVICE DESCRIPTION
The ZXFBF05 is a low cost, high slew rate, quad buffer amplifier. Built using the Zetex CA700 technology, this buffer has a small signal bandwidth of greater than 100MHz and a 1 volt pk-pk bandwidth of greater than 20 MHz. Each channel draws only 7.5mA. The device operates from a ±5 volt supply, which makes it ideal in a majority of applications.
This space saving buffer may be used in a wide variety of applications such as, video switching matrix, multi-channel instrumentation equipment, and A/D input buffer, etc.

FEATURES AND BENEFITS
• 4 Buffers per package
• Low distortion Class A O/P
• 100MHz bandwidth
• Low cost
• Designed for up to 300pF load
• Low supply current (7.5mA per buffer)
• No thermal runaway
• 14 pin SOIC package

APPLICATIONS
• Video Switching Matrix input buffer
• Instrumentation
• Multi-channel A/D input buffer
• Multi-isolation buffer




Similar Part No. - ZXFBF05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF05N14 DIODES-ZXFBF05N14 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF05N14TA DIODES-ZXFBF05N14TA Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF05N14TC DIODES-ZXFBF05N14TC Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
More results


Similar Description - ZXFBF05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
5V high-speed universal PLD device with live insertion capability
1999 Oct 27
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
TDK Electronics
FCR8.0MC5T TDK-FCR8.0MC5T Datasheet
72Kb / 3P
FCR(Built-in load capacitance/External load capacitance) series
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
logo
New Jersey Semi-Conduct...
5082-1000 NJSEMI-5082-1000 Datasheet
245Kb / 2P
FAST SWITCHING LOW CAPACITANCE HIGH CURRENT CAPABILITY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com