Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFBF05 Datasheet (PDF) - Diodes Incorporated

ZXFBF05 Datasheet PDF - Diodes Incorporated
Part # ZXFBF05
Download  ZXFBF05 Download
File Size   262.67 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 Channel Buffer Device with high capacitance load capability

ZXFBF05 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXFBF05 Datasheet PDF - Diodes Incorporated

Part # ZXFBF05
Download  ZXFBF05 Click to download

File Size   262.67 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 Channel Buffer Device with high capacitance load capability

ZXFBF05 Datasheet (HTML) - Diodes Incorporated


ZXFBF05 Product details

DEVICE DESCRIPTION
The ZXFBF05 is a low cost, high slew rate, quad buffer amplifier. Built using the Zetex CA700 technology, this buffer has a small signal bandwidth of greater than 100MHz and a 1 volt pk-pk bandwidth of greater than 20 MHz. Each channel draws only 7.5mA. The device operates from a ±5 volt supply, which makes it ideal in a majority of applications.
This space saving buffer may be used in a wide variety of applications such as, video switching matrix, multi-channel instrumentation equipment, and A/D input buffer, etc.

FEATURES AND BENEFITS
• 4 Buffers per package
• Low distortion Class A O/P
• 100MHz bandwidth
• Low cost
• Designed for up to 300pF load
• Low supply current (7.5mA per buffer)
• No thermal runaway
• 14 pin SOIC package

APPLICATIONS
• Video Switching Matrix input buffer
• Instrumentation
• Multi-channel A/D input buffer
• Multi-isolation buffer




Similar Part No. - ZXFBF05

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF05N14 ZETEX-ZXFBF05N14 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF05N14TA ZETEX-ZXFBF05N14TA Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF05N14TC ZETEX-ZXFBF05N14TC Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
More results


Similar Description - ZXFBF05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
5V high-speed universal PLD device with live insertion capability
1999 Oct 27
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
logo
TDK Electronics
FCR8.0MC5T TDK-FCR8.0MC5T Datasheet
72Kb / 3P
FCR(Built-in load capacitance/External load capacitance) series
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
logo
New Jersey Semi-Conduct...
5082-1000 NJSEMI-5082-1000 Datasheet
245Kb / 2P
FAST SWITCHING LOW CAPACITANCE HIGH CURRENT CAPABILITY
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com