Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFBF08 Datasheet (PDF) - Zetex Semiconductors

ZXFBF08 Datasheet PDF - Zetex Semiconductors
Part # ZXFBF08
Download  ZXFBF08 Download
File Size   259.93 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 8 Channel Buffer Device

ZXFBF08 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXFBF08 Datasheet PDF - Zetex Semiconductors

Part # ZXFBF08
Download  ZXFBF08 Click to download

File Size   259.93 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 8 Channel Buffer Device

ZXFBF08 Datasheet (HTML) - Zetex Semiconductors


ZXFBF08 Product details

DEVICE DESCRIPTION
The ZXFBF08 is a low cost, high slew rate, octal buffer amplifier. Built using the Zetex CA700 technology, this buffer has a small signal bandwidth of greater than 100MHz and a 1 volt pk-pk bandwidth of greater than 20 MHz. Each channel draws only 1.9mA. The device operates from a ±5 volt supply, which makes it ideal in a majority of applications.
This space saving buffer may be used in a wide variety of applications such as, video switching matrix, multi-channel instrumentation equipment, and A/D input buffer, etc.

FEATURES AND BENEFITS
• 8 Buffers per package
• 100MHz bandwidth
• Low cost
• Low supply current (1.9mA per buffer)
• No thermal runaway
• 20 pin SOIC package

APPLICATIONS
• Video Switching Matrix input buffer
• Instrumentation
• Multi-channel A/D input buffer
• Multi-isolation buffer




Similar Part No. - ZXFBF08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF08W20 DIODES-ZXFBF08W20 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF08W20TC DIODES-ZXFBF08W20TC Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
More results


Similar Description - ZXFBF08

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
logo
National Semiconductor ...
LMC6008 NSC-LMC6008 Datasheet
85Kb / 4P
8 Channel Buffer
logo
Advanced Analog Technol...
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
81-CHANNEL BUFFER FOR TFT LCD
V 1.0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Texas Instruments
SN65LVCP418 TI-SN65LVCP418 Datasheet
1Mb / 25P
8-Channel Gigabit Signal Conditioning Buffer
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
logo
List of Unclassifed Man...
E-TC ETC-E-TC Datasheet
900Kb / 5P
Ethernet-based 8-Channel Thermocouple Input Device
April 2020. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com