Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXF103 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXF103
Description  VARIABLE Q FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF103 Datasheet(HTML) 7 Page - Zetex Semiconductors

  ZXF103 Datasheet HTML 1Page - Zetex Semiconductors ZXF103 Datasheet HTML 2Page - Zetex Semiconductors ZXF103 Datasheet HTML 3Page - Zetex Semiconductors ZXF103 Datasheet HTML 4Page - Zetex Semiconductors ZXF103 Datasheet HTML 5Page - Zetex Semiconductors ZXF103 Datasheet HTML 6Page - Zetex Semiconductors ZXF103 Datasheet HTML 7Page - Zetex Semiconductors ZXF103 Datasheet HTML 8Page - Zetex Semiconductors ZXF103 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZXF103
ISSUE 1 - APRIL 2002
7
R2
1
0 v
RC2
Bias
RC1
0 v
C1
FI 1
GP1
Vcc
GP3
GP2
N/C
Vcc
FO
FI 2
ZXF103
R2 6.8 k
R1 6.8k
R4 22 k
R3 10 k
VR1 2 k
C4
100 nF
C1
330 pF
C2 330 pF
C3
100 nF
C6
100 nF
C5
100 nF
0 v
5 v
Output
Input
J1
J2
J3
Evaluation Board Schematic
Notch
J1 and J2
Notch Pass 1
J2 and J3 (0dB Stop Band)
Notch Pass 2
J3 only (Attenuating skirts)
The evaluation board is designed for operation at 70kHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com