Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV201 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXFV201
Description  QUAD VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V-
11V differential ( 5.5V)
Inputs to ground*
V+ - 0.5V to V- - 0.5V
Operating Ambient Temperature Range
-40C to 85C
Storage -65C to 150C
Operating Junction Temperature TJMAX**
150°C
**The thermal resistance from the semiconductor die to ambient is typically 120 C/W when the SO14 package is
mounted on a PCB in free air. The power dissipation of the device when loaded must be designed to keep the
device junction temperature below TJMAX.
*During power-up and power-down, these voltage ratings require an appropriate sequence of applying and
removing signals and power supplies.
ESD: This device is sensitive to static discharge and proper handling precautions are required.
ZXFV201
ISSUE 1 - FEBRUARY 2002
2
PARAMETER
CONDITIONS
TEST
MIN
TYP
MAX
UNIT
Supply Voltage V+ operating range
4.75
5
5.25
V
Supply Voltage V- operating range
-5.25
-5
-4.75
V
Supply current
P
23
30
35
mA
Input Common mode voltage range
P
3V
Input offset voltage
P
1
10
mV
Output offset voltage
P
2
20
mV
Input bias current, non-inverting
input
P5
10
A
Input resistance
P
1.5
2
6.5
M
Open loop gain
P
48
61
dB
Output voltage swing
P
3V
Output drive current
P
40
mA
Positive PSRR
P
49
57
dB
Negative PSRR
P
51
58
dB
Bandwidth –3dB
Av= +1, Vout = 200mV
pk-pk
C
300
MHz
Bandwidth –0.1dB
Av= +1, Vout = 200mV
pk-pk
C
30
MHz
Slew rate
Av= +1
Av=+2
Av = +10
C
400
400
400
V/ s
Rise time
Vout =
1 V, 10% - 90% C
4.0
ns
Fall time
Vout =
1 V, 10% - 90% C
3.2
ns
Propagation delay
Vout =
2 V, 50%
C
4.0
ns
Differential Gain
3.6MHz(NTSC) and
4.4MHz(PAL), RL = 150
C0.01
%
Differential phase
3.6MHz(NTSC) and
4.4MHz(PAL), RL = 150
C
0.01
deg
ELECTRICAL CHARACTERISTICS
±5V power
supplies,Tamb= 25C unless otherwise stated. Rf = 1k ,RL = 150 , CL<= 10pF
Test – P = production tested. C = characterised



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com