Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV201 Datasheet (PDF) - Zetex Semiconductors

ZXFV201 Datasheet PDF - Zetex Semiconductors
Part # ZXFV201
Download  ZXFV201 Download
File Size   243.24 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description QUAD VIDEO AMPLIFIER

ZXFV201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXFV201 Datasheet PDF - Zetex Semiconductors

Part # ZXFV201
Download  ZXFV201 Click to download

File Size   243.24 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description QUAD VIDEO AMPLIFIER

ZXFV201 Datasheet (HTML) - Zetex Semiconductors


ZXFV201 Product details

Device description
The ZXFV201, ZXFV202, ZXFV203 and ZXFV204 are quad, single, triple and dual, respectively, high speed amplifiers designed for video and other high speed applications.

Features
• High speed
• Gain of 1 - 3dB bandwidth 210MHz
• Slew rate 380V/µs
• Good video
• 25 MHz 0.1dB bandwidth
• Differential gain 0.04%
• Differential phase 0.04°
• 40mA output current @ 3V Output
• Characterized up to 300pF load
• ±5 Volt supply operation
• Supply current 7.5mA per amplifier

Applications
• Industry standard pinouts
• Video gain stages
• CCTV buffer
• Video distribution
• RGB buffering
• Home theater
• High speed ADC signal input drive
• Cable driving




Similar Part No. - ZXFV201

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201 Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201 ZETEX-ZXFV201 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TA ZETEX-ZXFV201N14TA Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TA ZETEX-ZXFV201N14TA Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
ZXFV201N14TC ZETEX-ZXFV201N14TC Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
More results


Similar Description - ZXFV201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6334 FAIRCHILD-RC6334 Datasheet
39Kb / 8P
Quad Video Amplifier
logo
Intersil Corporation
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
Quad, 125MHz Video Current Feedback Amplifier
September 1998
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
Quad 125MHz Video Current Feedback Amplifier with Disable
February 8, 2006
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Renesas Technology Corp
HA5024 RENESAS-HA5024 Datasheet
827Kb / 17P
Quad 125MHz Video CurrentFeedback Amplifier with Disable
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com