Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV201 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXFV201
Description  QUAD VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV201 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXFV201 Datasheet HTML 1Page - Zetex Semiconductors ZXFV201 Datasheet HTML 2Page - Zetex Semiconductors ZXFV201 Datasheet HTML 3Page - Zetex Semiconductors ZXFV201 Datasheet HTML 4Page - Zetex Semiconductors ZXFV201 Datasheet HTML 5Page - Zetex Semiconductors ZXFV201 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APPLICATIONS INFORMATION
Introduction
A typical circuit application is shown in Figure 1, above.
This is suitable for 75 ohm transmission line
connections at both the input and the output and is
useful for distribution of wide-band signals such as
video and xDSL via cables.
The 75ohms reverse
terminating resistor R4 gives the correct matching
condition to a terminated video cable. The amplifier
load is then 150 ohms in parallel with the local feedback
network.
The wide bandwidth of this device necessitates some
care in the layout of the printed circuit. A continuous
ground plane is required under the device and its
signal connection paths, to provide the shortest
possible ground return paths for signals and power
supply filtering.
A double-sided or multi-layer PCB
construction is required, with plated-through via holes
providing closely spaced low-inductance connections
from some components to the continuous ground
plane.
For the power supply filtering, low inductance surface
mount capacitors are normally required. It has been
found that very good RF decoupling is provided on
each supply using a 1000pF NPO size 0805 or smaller
ceramic surface mount capacitor, closest to the device
pin, with an adjacent 0.1uF X7R capacitor.
Other
configurations are possible and it may be found that a
single 0.01uF X7R capacitor on each supply gives good
results. However this should be supported by larger
decoupling capacitors elsewhere on the printed circuit
board.
Values of 1 to 10 µF are recommended,
particularly where the voltage regulators are located
more than a few inches from the device. These larger
capacitors are recommended to be solid tantalum
electrolytic or ceramic types.
Note particularly that the inverting input of this current
feedback type of amplifier is sensitive to small
amounts of capacitance to ground which occur as part
of the practical circuit board layout. This capacitance
affects bandwidth, frequency response peaking and
pulse overshoot.
Therefore to minimise this
capacitance, the feedback components R2 and R3 of
Figure1 should be positioned as close as possible to
the inverting input connection.
The frequency response and pulse response will vary
according to particular values of resistors and layout
capacitance.
The response can be tailored for the
application to some extent by choice of the value of
feedback resistor.
Figure 2 shows an oscilloscope
display of the pulse response for a practical double
sided printed circuit board where RF=510ohms.
ZXFV201
ISSUE 1 - FEBRUARY 2002
5
Figure 3: Graphs of Gain and Phase vs Frequncy (RL=150 )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com