Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC3.5 Datasheet(PDF) 1 Page - Recom International Power

Part # REC3.5
Description  3.5 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3.5 Datasheet(HTML) 1 Page - Recom International Power

  REC3.5 Datasheet HTML 1Page - Recom International Power REC3.5 Datasheet HTML 2Page - Recom International Power REC3.5 Datasheet HTML 3Page - Recom International Power REC3.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECONOLINE
DC/DC-Converter
www.recom-international.com
E-103
REV:0/2010
Refer to Application Notes
REC3.5/R
● 8kVDC & 10kVDC Reinforced Isolation
● Industry Standard DIP24 Package
● 3.5W Regulated Output
● Continuous Short Circuit Protection
● Wide Input 2:1
● Medical Approved
● EN, CSA and CB Certificates
● 2 Pinout Options
● Control Pin Option
● Efficiency to 86%
Features
Regulated
Converters
3.5 Watt DIP24
Reinforced
Single & Dual
Output
C22.2-No. 60950 Certified
C22.2-601.1 Certified
UL Certification Pending
Selection Guide
Part
Input
Output
Output
Efficiency Max. Cap.
Number
Voltage
Voltage
Current
Load
DIP24
(VDC)
(VDC)
(mA)
(%)
REC3.5-xx05SRW/R*
9 - 18, 18 - 36, 36 - 75
5
700
80, 81, 82
1000µF
4.5 - 9
77
REC3.5-xx09SRW/R*
9 - 18, 18 - 36, 36 - 75
9
388
81, 82, 83
470µF
4.5 - 9
80
REC3.5-xx12SRW/R*
9 - 18, 18 - 36, 36 - 75
12
290
82, 83, 84
470µF
4.5 - 9
82
REC3.5-xx15SRW/R*
9 - 18, 18 - 36, 36 - 75
15
233
84, 85, 86
330µF
4.5 - 9
83
REC3.5-xx24SRW/R*
9 - 18, 18 - 36, 36 - 75
24
145
83, 84, 85
220µF
4.5 - 9
82
REC3.5-xx05DRW/R*
9 - 18, 18 - 36, 36 - 75
±5
±350
80, 81, 82
±470µF
4.5 - 9
77
REC3.5-xx09DRW/R*
9 - 18, 18 - 36, 36 - 75
±9
±194
81, 82, 83
±220µF
4.5 - 9
80
REC3.5-xx12DRW/R*
9 - 18, 18 - 36, 36 - 75
±12
±145
81, 82, 83
±100µF
4.5 - 9
82
REC3.5-xx15DRW/R*
9 - 18, 18 - 36, 36 - 75
±15
±117
82, 83, 84
±100µF
4.5 - 9
80
R* = R8 or R10 for 8kVDC or 10kVDC isolation.
The REC3.5 series uses a reinforced isolation transformer to offer exceptionally high isolation of 8kVDC (4kVAC/1 minute)
or 10kVDC (5kVAC/1minute) making it suitable for HT monitoring circuits, mains power meters, IGBT isolated power
supplies and other sophisticated industrial and medical applications. The isolation capacitance of only 20pF makes them
also suitable for low leakage applications. The isolation transformer is recognised by CSA as reinforced isolated with a
minimum internal clearance of 2.4mm and a minimum internal creepage clearance of 4.6mm. The REC3.5 is available in
two industry-standard pinouts (=
"/A" or "/C"). Remote on/off control is possible with the /CTRL option (A pinning only)
and an optional undervoltage lockout function is also available (=
"/X1"). The converters can deliver 140% rated power
for short periods of time to cope with applications with large capacitive loads or high start up currents.
Description
2:1 Input
(REC3.5-S_DRW/R8(R10)
xx = 4.5-9Vin = 05
xx = 9-18Vin = 12
xx = 18-36Vin = 24
xx = 36-75Vin = 48
* add suffix "/A" or "/C" for pinning options,
see next page for details.
* add suffix “/CTRL” for control pin option (A Pinning only)
* add suffix "/X1" for Undervoltage Lockout
* add suffix -R for Tape and Reel packaging
Ordering Examples:
REC3.5-0512DRW/R8/A/CTRL= 5V Vin, ±12V Vout, 8kVDC isolation, pinout “A”,control pin
REC3.5-4805SRW/R10/A = 48V Vin, 5V Vout, 10kVDC isolation, pinout “A”
REC3.5-1212DRW/R8/C/X1 = 12V Vin, ±12V Vout, 8kVDC isolation, pinout “C”,UVL
REC3.5-0505SRW/R10/A/CTRL/X1 = 5V Vin, 5V Vout, 10kVDC isolation, pinout “A”,control pin, UVL
Derating-Graph
(Ambient Temperature)
120
100
20
60
125
75
0
-40
Operating Temperature (°C)
0
80
50
25
85
40
105
Safe Operating Area
RoHS
2002/95/EC
6/6


Similar Part No. - REC3.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3.5-0505DRW RECOM-REC3.5-0505DRW Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-0505SRW RECOM-REC3.5-0505SRW Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-0509DRW RECOM-REC3.5-0509DRW Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-0509SRW RECOM-REC3.5-0509SRW Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-0512DRW RECOM-REC3.5-0512DRW Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
More results

Similar Description - REC3.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
2.2 Watt DIP24 Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
2.2 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
12 Watt DIP24 Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
REC3.5-R RECOM-REC3.5-R Datasheet
115Kb / 4P
3.5 Watt DIP24 Reinforced Single & Dual Output
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com